Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM74S174N Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # DM74S174N
Description  Hex/Quad D Flip-Flop with Clear
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74S174N Datasheet(HTML) 1 Page - Fairchild Semiconductor

  DM74S174N Datasheet HTML 1Page - Fairchild Semiconductor DM74S174N Datasheet HTML 2Page - Fairchild Semiconductor DM74S174N Datasheet HTML 3Page - Fairchild Semiconductor DM74S174N Datasheet HTML 4Page - Fairchild Semiconductor DM74S174N Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006472
www.fairchildsemi.com
August 1986
Revised April 2000
DM74S174 • DM74S175
Hex/Quad D Flip-Flop with Clear
General Description
These positive-edge-triggered flip-flops utilize TTL circuitry
to implement D-type flip-flop logic. All have a direct clear
input, and the quad (DM74S175) versions feature comple-
mentary outputs from each flip-flop.
Information at the D inputs meeting the setup time require-
ments is transferred to the Q outputs on the positive-going
edge of the clock pulse. Clock triggering occurs at a partic-
ular voltage level and is not directly related to the transition
time of the positive-going pulse. When the clock input is at
either the HIGH or LOW level, the D input signal has no
effect at the output.
Features
s DM74S174 contain six flip-flops with single-rail outputs.
s DM74S175 contain four flip-flops with double-rail out-
puts.
s Buffered clock and direct clear inputs
s Individual data input to each flip-flop
s Applications include:
Buffer/storage registers
Shift registers
Pattern generators
s Typical clock frequency 110 MHz
s Typical power dissipation per flip-flop 75mW
Ordering Code:
Connection Diagrams
DM74S174
DM74S175
Order Number
Package Number
Package Description
DM74S174N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
DM74S175N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


Similar Part No. - DM74S174N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74S174N FAIRCHILD-DM74S174N Datasheet
56Kb / 5P
   Hex/Quad D Flip-Flop with Clear
More results

Similar Description - DM74S174N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74S174 FAIRCHILD-DM74S174 Datasheet
56Kb / 5P
   Hex/Quad D Flip-Flop with Clear
DM74174 FAIRCHILD-DM74174 Datasheet
42Kb / 4P
   Hex/Quad D-Type Flip-Flop with Clear
logo
STMicroelectronics
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
   HEX D-TYPE FLIP-FLOP WITH CLEAR
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
   Hex D-Type Flip-Flop with Clear
TC74VHC174F TOSHIBA-TC74VHC174F_07 Datasheet
233Kb / 10P
   Hex D-Type Flip Flop with Clear
logo
Texas Instruments
SN74F174A TI-SN74F174A Datasheet
69Kb / 5P
[Old version datasheet]   HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74HC174AP TOSHIBA-TC74HC174AP Datasheet
274Kb / 7P
   HEX D TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74ACT174 STMICROELECTRONICS-74ACT174 Datasheet
86Kb / 10P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M74HC174 STMICROELECTRONICS-M74HC174 Datasheet
263Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com