Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM74S163N Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # DM74S163N
Description  Synchronous 4-Bit Binary Counters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74S163N Datasheet(HTML) 5 Page - Fairchild Semiconductor

  DM74S163N Datasheet HTML 1Page - Fairchild Semiconductor DM74S163N Datasheet HTML 2Page - Fairchild Semiconductor DM74S163N Datasheet HTML 3Page - Fairchild Semiconductor DM74S163N Datasheet HTML 4Page - Fairchild Semiconductor DM74S163N Datasheet HTML 5Page - Fairchild Semiconductor DM74S163N Datasheet HTML 6Page - Fairchild Semiconductor DM74S163N Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Note 2: CL = 15 pF, RL = 280Ω, TA = 25°C and VCC = 5V.
Note 3: CL = 50 pF, RL = 280Ω, TA = 25°C and VCC = 5V.
Note 4: Applies only to the DM74S163 which has synchronous clear inputs.
Note 5: Applies only to the DM74S161 which has asynchronous clear inputs.
Supply Voltage
7V
Input Voltage
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°Cto +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−1mA
IOL
LOW Level Output Current
20
mA
fCLK
Clock Frequency (Note 2)
0
40
MHz
Clock Frequency (Note 3)
0
35
tW
Pulse Width (Note 2)
Clock
10
ns
Clear (Note 5)
10
Pulse Width (Note 3)
Clock
12
Clear (Note 5)
12
tSU
Setup Time (Note 2)
Data
4
ns
Enable P or T
12
Load
14
Clear (Note 4)
14
Setup Time (Note 3)
Data
5
Enable P or T
14
Load
16
Clear (Note 4)
16
tH
Hold Time (Note 2)
Data
3
ns
Others
0
Hold Time (Note 3)
Data
5
Others
2
tREL
Load or Clear Release Time (Note 2)
12
ns
Load or Clear Release Time (Note 3)
14
TA
Free Air Operating Temperature
0
70
°C


Similar Part No. - DM74S163N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74S163N NSC-DM74S163N Datasheet
75Kb / 6P
   SYNCHRONOUS 4-BIT BINARY COUNTERS
More results

Similar Description - DM74S163N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A_08 Datasheet
610Kb / 22P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
National Semiconductor ...
54LS161A NSC-54LS161A Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD54AC161 TI-CD54AC161 Datasheet
383Kb / 15P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54AC163 TI-CD54AC163 Datasheet
154Kb / 11P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC161 TI-SN54HC161 Datasheet
642Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
Fairchild Semiconductor
DM74LS161A FAIRCHILD-DM74LS161A Datasheet
103Kb / 10P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD74AC161ME4 TI-CD74AC161ME4 Datasheet
553Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A Datasheet
440Kb / 20P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54ACT163 TI-CD54ACT163_08 Datasheet
677Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com