Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPC860DPZP80D3 Datasheet(PDF) 11 Page - Motorola, Inc

Part # XPC860DPZP80D3
Description  Family Hardware Specifications
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

XPC860DPZP80D3 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button XPC860DPZP80D3 Datasheet HTML 7Page - Motorola, Inc XPC860DPZP80D3 Datasheet HTML 8Page - Motorola, Inc XPC860DPZP80D3 Datasheet HTML 9Page - Motorola, Inc XPC860DPZP80D3 Datasheet HTML 10Page - Motorola, Inc XPC860DPZP80D3 Datasheet HTML 11Page - Motorola, Inc XPC860DPZP80D3 Datasheet HTML 12Page - Motorola, Inc XPC860DPZP80D3 Datasheet HTML 13Page - Motorola, Inc XPC860DPZP80D3 Datasheet HTML 14Page - Motorola, Inc XPC860DPZP80D3 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
MOTOROLA
MPC860 Family Hardware Specifications
11
Estimation with Junction-to-Board Thermal Resistance
where:
RθJA = junction-to-ambient thermal resistance (ºC/W)
RθJC = junction-to-case thermal resistance (ºC/W)
RθCA = case-to-ambient thermal resistance (ºC/W)
RθJC is device related and cannot be influenced by the user. The user adjusts the thermal
environment to affect the case-to-ambient thermal resistance, RθCA. For instance, the user
can change the air flow around the device, add a heat sink, change the mounting
arrangement on the printed circuit board, or change the thermal dissipation on the printed
circuit board surrounding the device. This thermal model is most useful for ceramic
packages with heat sinks where some 90% of the heat flows through the case and the heat
sink to the ambient environment. For most packages, a better model is required.
7.3
Estimation with Junction-to-Board Thermal
Resistance
A simple package thermal model which has demonstrated reasonable accuracy (about 20%)
is a two resistor model consisting of a junction-to-board and a junction-to-case thermal
resistance. The junction-to-case covers the situation where a heat sink is used or where a
substantial amount of heat is dissipated from the top of the package. The junction-to-board
thermal resistance describes the thermal performance when most of the heat is conducted
to the printed circuit board. It has been observed that the thermal performance of most
plastic packages and especially PBGA packages is strongly dependent on the board
temperature; see Figure 7-1.
Figure 7-1. Effect of Board Temperature Rise on Thermal Behavior
0
10
20
30
40
50
60
70
80
90
100
0
2 04 06 0
8 0
Board Temperture Rise Above Ambient Divided by Package
Board Temperature Rise Above Ambient Divided by Package Power


Similar Part No. - XPC860DPZP80D3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
XPC862 MOTOROLA-XPC862 Datasheet
1Mb / 88P
   Hardware Specifications
More results

Similar Description - XPC860DPZP80D3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Family Hardware Specifications
logo
Freescale Semiconductor...
MAC7100 FREESCALE-MAC7100 Datasheet
1Mb / 56P
   Microcontroller Family Hardware Specifications
MPC862 FREESCALE-MPC862_06 Datasheet
1Mb / 88P
   PowerQUICC??Family Hardware Specifications
MPC860 FREESCALE-MPC860_07 Datasheet
1Mb / 80P
   PowerQUICC??Family Hardware Specifications
MPC8270VVUPEA FREESCALE-MPC8270VVUPEA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8270ZQMIBA FREESCALE-MPC8270ZQMIBA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8247VRTMFA FREESCALE-MPC8247VRTMFA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
logo
Motorola, Inc
MPC8260AEC MOTOROLA-MPC8260AEC Datasheet
347Kb / 48P
   MPC826xA (HiP4) Family Hardware Specifications
MPC8280 MOTOROLA-MPC8280 Datasheet
1Mb / 76P
   PowerQUICC II Family Hardware Specifications
logo
NXP Semiconductors
MPC860EC NXP-MPC860EC Datasheet
1Mb / 77P
   MPC860 PowerQUICC Family Hardware Specifications
Rev. 10, 09/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com