Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS339,339A Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AS339,339A
Description  LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS339,339A Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AS339,339A Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS339,339A Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS339,339A Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS339,339A Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS339,339A Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS339,339A Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS339,339A Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS339,339A Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS339,339A Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
AS339/339A
Data Sheet
6
Jan. 2013 Rev. 2. 1
BCD Semiconductor Manufacturing Limited
Figure 8. Response Time for 5mV Input Overdrive -
Positive Transition
Typical Performance Characteristics (Continued)
Time (
μs)
0
6
4
2
50
0
100
1.8 2.0
1.4 1.6
1.0 1.2
0.6 0.8
0.2 0.4
0
V
IN
V
CC
5.1K
V
OUT
+
_


Similar Part No. - AS339,339A

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS339 BCDSEMI-AS339 Datasheet
169Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
JSC ALFA.
AS3394 ALFA-AS3394 Datasheet
505Kb / 8P
   CONTROLLABLE SYNTHESIZER VOICE
AS3394ED ALFA-AS3394ED Datasheet
505Kb / 8P
   CONTROLLABLE SYNTHESIZER VOICE
logo
BCD Semiconductor Manuf...
AS339A BCDSEMI-AS339A Datasheet
169Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results

Similar Description - AS339,339A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Shaoxing Devechip Micro...
SDP339 SDC-SDP339 Datasheet
550Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com