Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VOL618A-2T Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. VOL618A-2T
Description  Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOL618A-2T Datasheet(HTML) 6 Page - Vishay Siliconix

  VOL618A-2T Datasheet HTML 1Page - Vishay Siliconix VOL618A-2T Datasheet HTML 2Page - Vishay Siliconix VOL618A-2T Datasheet HTML 3Page - Vishay Siliconix VOL618A-2T Datasheet HTML 4Page - Vishay Siliconix VOL618A-2T Datasheet HTML 5Page - Vishay Siliconix VOL618A-2T Datasheet HTML 6Page - Vishay Siliconix VOL618A-2T Datasheet HTML 7Page - Vishay Siliconix VOL618A-2T Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
VOL618A
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 30-Jan-13
6
Document Number: 82405
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 16 - Switching Time vs. Load Resistance
Fig. 17 - Collector Emitter Saturation Voltage vs. Collector Current
Fig. 18 - Turn-On/Turn-Off Time vs. Forward Current
Fig. 19 - Voltage Gain vs. Cut-off Frequency
0.1
1
10
100
1000
0
5
10
15
20
R
L - Load Resistance (kΩ)
V
CE = 5 V, Ic = 2 mA
t
off (μs)
t
on (μs)
110
0
0.2
0.4
0.6
0.8
1.0
I
C - Collector Current (mA)
100
CTR = 50 %
used
20 % used
95 11028
10 % used
010
15
0
10
20
30
40
50
I
F - Forward Current (mA)
20
95 11031
Saturated operation
V
S = 5 V
R
L = 1 kΩ
t
off
t
on
5
- 40
- 35
- 30
- 25
- 20
- 15
- 10
- 5
0
1
10
100
1000
f - Cut-off Frequency (kHz)
V
CE = 5 V
R
L = 100 Ω
R
L = 1000 Ω


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn