Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOL618A-2T Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VOL618A-2T
Description  Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOL618A-2T Datasheet(HTML) 5 Page - Vishay Siliconix

  VOL618A-2T Datasheet HTML 1Page - Vishay Siliconix VOL618A-2T Datasheet HTML 2Page - Vishay Siliconix VOL618A-2T Datasheet HTML 3Page - Vishay Siliconix VOL618A-2T Datasheet HTML 4Page - Vishay Siliconix VOL618A-2T Datasheet HTML 5Page - Vishay Siliconix VOL618A-2T Datasheet HTML 6Page - Vishay Siliconix VOL618A-2T Datasheet HTML 7Page - Vishay Siliconix VOL618A-2T Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VOL618A
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 30-Jan-13
5
Document Number: 82405
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 10 - Normalized Current Transfer Ratio vs.
Ambient Temperature (saturated)
Fig. 11 - Normalized Current Transfer Ratio vs.
Ambient Temperature (non-saturated)
Fig. 12 - Current Transfer Ratio vs. Forward Current (saturated)
Normalized to 1 mA at 25 °C
Fig. 13 - Current Transfer Ratio vs. Forward Current (non-saturated)
Normalized to 1 mA at 25 °C
Fig. 14 - fCTR vs. Phase Angle
Fig. 15 - Cut-off Frequency (- 3 dB) vs. Collector Current
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
- 60 - 40 - 20
0
20
40
60
80 100 120
T
amb - Ambient Temperature (°C)
Normalized to CTR value:
I
F = 1 mA, VCE = 5 V, Tamb = 25 °C
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
- 60 - 40 - 20
0
20
40
60
80 100 120
T
amb - Ambient Temperature (°C)
Normalized to CTR value:
I
F = 1 mA, VCE = 5 V, Tamb = 25 °C
0.0
0.5
1.0
1.5
2.0
2.5
0.1
1
10
100
I
F - Forward Current (mA)
T
amb = 0 °C
T
amb = 110 °C
T
amb = - 55 °C
T
amb = 25 °C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1
10
100
I
F - Forward Current (mA)
T
amb = 0 °C
T
amb = - 55 °C
T
amb = 25 °C
T
amb = 110 °C
- 160
- 140
- 120
- 100
- 80
- 60
- 40
- 20
0
1
10
100
1000
f - Cut-off Frequency (kHz)
V
CE = 5 V
R
L = 100 Ω
R
L = 1000 Ω
1
10
100
1000
0.1
1
10
100
I
C (mA)
V
CC = 5 V


Similar Part No. - VOL618A-2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOL618A-2T VISHAY-VOL618A-2T Datasheet
176Kb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
Rev. 1.8, 13-Oct-15
VOL618A-2T VISHAY-VOL618A-2T Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
01-Jan-2022
More results

Similar Description - VOL618A-2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOL618A VISHAY-VOL618A_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
01-Jan-2022
VOL618A VISHAY-VOL618A_V02 Datasheet
174Kb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
01-Jan-2023
VOL617A VISHAY-VOL617A Datasheet
171Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
Rev. 1.6, 30-Jan-13
VOL618A VISHAY-VOL618A_15 Datasheet
176Kb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
Rev. 1.8, 13-Oct-15
VOL617A VISHAY-VOL617A_V02 Datasheet
220Kb / 10P
   Optocoupler, Phototransistor Output, 4 Pin LSOP, Long Creepage Mini-Flat Package
01-Jan-2023
VOL617A VISHAY-VOL617A_V01 Datasheet
219Kb / 10P
   Optocoupler, Phototransistor Output, 4 Pin LSOP, Long Creepage Mini-Flat Package
01-Jan-2022
VOL617A VISHAY-VOL617A_15 Datasheet
176Kb / 9P
   Optocoupler, Phototransistor Output, 4 Pin LSOP, Long Creepage Mini-Flat Package
Rev. 2.0, 13-Oct-15
VOL628A VISHAY-VOL628A_15 Datasheet
175Kb / 9P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
Rev. 1.7, 13-Oct-15
VOL628A VISHAY-VOL628A_V02 Datasheet
185Kb / 9P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
01-Jan-2023
VOL628A VISHAY-VOL628A Datasheet
171Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
Rev. 1.6, 15-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com