Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2138R-1.4TRG1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP2138R-1.4TRG1
Description  ULTRA LOW QUIESCENT CURRENT CMOS LDO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2138R-1.4TRG1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP2138R-1.4TRG1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2138R-1.4TRG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2138R-1.4TRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2138R-1.4TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2138R-1.4TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2138R-1.4TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2138R-1.4TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2138R-1.4TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2138R-1.4TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
ULTRA LOW QUIESCENT CURRENT CMOS LDO
AP2138/2139
Data Sheet
4
Jul. 2012 Rev. 2. 3
BCD Semiconductor Manufacturing Limited
Package
Temperature
Range
Condition
Part Number
Marking ID
Packing
Type
SOT-23-3
-40 to 85oC
AP2138N-1.2TRG1 GA3
Tape & Reel
1.4V
AP2138N-1.4TRG1 GG1
Tape & Reel
1.5V
AP2138N-1.5TRG1 GG2
Tape & Reel
1.8V
AP2138N-1.8TRG1 GG4
Tape & Reel
2.5V
AP2138N-2.5TRG1 GG5
Tape & Reel
2.8V
AP2138N-2.8TRG1 GG6
Tape & Reel
3.0V
AP2138N-3.0TRG1 GG3
Tape & Reel
3.3V
AP2138N-3.3TRG1 GG7
Tape & Reel
3.6V
AP2138N-3.6TRG1 GG8
Tape & Reel
4.0V
AP2138N-4.0TRG1 GE9
Tape & Reel
SOT-89
-40 to 85oC
1.2V(R)
AP2138R-1.2TRG1 G42C
Tape & Reel
1.4V (R)
AP2138R-1.4TRG1 G42D
Tape & Reel
1.5V (R)
AP2138R-1.5TRG1 G42E
Tape & Reel
1.8V (R)
AP2138R-1.8TRG1 G42F
Tape & Reel
2.5V (R)
AP2138R-2.5TRG1 G42G
Tape & Reel
2.8V (R)
AP2138R-2.8TRG1 G42H
Tape & Reel
3.0V (R)
AP2138R-3.0TRG1 G42J
Tape & Reel
3.3V (R)
AP2138R-3.3TRG1 G42K
Tape & Reel
Circuit Type
Package
N: SOT-23-3
G1: Green
AP213X
-
TR: Tape and Reel
Ordering Information
1.2V
1.4: Fixed Output 1.4V
1.5: Fixed Output 1.5V
2.8: Fixed Output 2.8V
8: AP2138
9: AP2139
K: SOT-23-5
A: Active High
with Built-in Resistor
Blank: No Enable Function
3.0: Fixed Output 3.0V
3.3: Fixed Output 3.3V
1.8: Fixed Output 1.8V
2.5: Fixed Output 2.5V
1.2: Fixed Output 1.2V
R/RA: SOT-89
3.6: Fixed Output 3.6V
4.0: Fixed Output 4.0V


Similar Part No. - AP2138R-1.4TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2138R-1.4TRG1 BCDSEMI-AP2138R-1.4TRG1 Datasheet
954Kb / 23P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Diodes Incorporated
AP2138R-1.4TRG1 DIODES-AP2138R-1.4TRG1 Datasheet
780Kb / 29P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
Rev. 5 - 2 August 2019
More results

Similar Description - AP2138R-1.4TRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2138 DIODES-AP2138 Datasheet
780Kb / 29P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
Rev. 5 - 2 August 2019
logo
BCD Semiconductor Manuf...
AP2138N-1.2TRG1 BCDSEMI-AP2138N-1.2TRG1 Datasheet
954Kb / 23P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_07 Datasheet
269Kb / 6P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_15 Datasheet
399Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_13 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9011PCT TSC-TS9011PCT Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_11 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_14 Datasheet
107Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9011PCX TSC-TS9011PCX Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com