Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3005 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP3005
Description  2A 420kHz PWM BUCK DC-DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3005 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3005_11 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3005_11 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3005_11 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3005_11 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3005_11 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3005_11 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3005_11 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3005_11 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3005_11 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Data Sheet
2A 420kHz PWM BUCK DC-DC CONVERTER
AP3005
Mar. 2011 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
7
4
8
12
16
20
24
0
20
40
60
80
100
120
Input Voltage (V)
T
J
=125
oC
T
J
=75
oC
T
J
=25
oC
T
J
= -50
oC
-40
0
40
80
120
0
1
2
3
4
5
6
Temperature (
oC)
-40
0
40
80
120
0.794
0.796
0.798
0.800
0.802
0.804
0.806
Junction Temperature (
oC)
4
8
12
16
20
24
0
1
2
3
4
5
6
Input Voltage (V)
Typical Performance Characteristics (Continued)
VCC=12V, VOUT=5V, TA=25℃, unless otherwise specified.
Figure 8. Shutdown Quiescent Current vs. Input Voltage
Figure 9. OCP Current Limit vs. Temperature
Figure 11. OCP Current Limit vs. Input Voltage
Figure 10. Feedback Voltage vs.
Junction Temperature


Similar Part No. - AP3005_11

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3005 BCDSEMI-AP3005 Datasheet
491Kb / 11P
   2A 420kHz PWM BUCK DC-DC CONVERTER
More results

Similar Description - AP3005_11

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3005 BCDSEMI-AP3005 Datasheet
491Kb / 11P
   2A 420kHz PWM BUCK DC-DC CONVERTER
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
   2A PWM BUCK DC-DC Converter
VER 1.2
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
   2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
   2A PWM BUCK DC-DC CONVERTER
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Unisonic Technologies
P3576 UTC-P3576 Datasheet
209Kb / 6P
   50KHz, 2A PWM BUCK DC/DC CONVERTER
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Anachip Corp
AP1519 ANACHIP-AP1519 Datasheet
172Kb / 9P
   300KHz, 2A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com