Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2138N-1.5TRG1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP2138N-1.5TRG1
Description  ULTRA LOW QUIESCENT CURRENT CMOS LDO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2138N-1.5TRG1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2138N-1.5TRG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2138N-1.5TRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2138N-1.5TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2138N-1.5TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2138N-1.5TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2138N-1.5TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2138N-1.5TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2138N-1.5TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2138N-1.5TRG1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
ULTRA LOW QUIESCENT CURRENT CMOS LDO
AP2138/2139
Data Sheet
6
Jul. 2012 Rev. 2. 3
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Input Voltage
VIN
7.0
V
Enable Input Voltage (AP2139)
VCE
-0.3 to VIN+0.3
V
Lead Temperature
TLEAD
260
oC
Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
ESD (Machine Model)
ESD
350
V
ESD (Human Body Model)
ESD
2000
V
Thermal Resistance (Note 2)
θJA
SOT-23-3
250
oC/W
SOT-23-5
250
SOT-89
165
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Note 2: Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifica-
tions do not apply when operating the device outside of its operating ratings. The maximum allowable power dissipation is a
function of the maximum junction temperature, TJ(max), the junction-to-ambient thermal resistance, θJA, and the ambient tem-
perature, TA. The maximum allowable power dissipation at any ambient temperature is calculated using: PD(max)=(TJ(max) -
TA)/θJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature.
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
2.5
6.6
V
Operating Ambient Temperature Range
TA
-40
85
oC
Recommended Operating Conditions


Similar Part No. - AP2138N-1.5TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2138N-1.5TRG1 BCDSEMI-AP2138N-1.5TRG1 Datasheet
954Kb / 23P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Diodes Incorporated
AP2138N-1.5TRG1 DIODES-AP2138N-1.5TRG1 Datasheet
780Kb / 29P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
Rev. 5 - 2 August 2019
More results

Similar Description - AP2138N-1.5TRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2138 DIODES-AP2138 Datasheet
780Kb / 29P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
Rev. 5 - 2 August 2019
logo
BCD Semiconductor Manuf...
AP2138N-1.2TRG1 BCDSEMI-AP2138N-1.2TRG1 Datasheet
954Kb / 23P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_07 Datasheet
269Kb / 6P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_15 Datasheet
399Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_13 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9011PCT TSC-TS9011PCT Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_11 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_14 Datasheet
107Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9011PCX TSC-TS9011PCX Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com