Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2204 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AP2204
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2204 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2204_10 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2204_10 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2204_10 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2204_10 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2204_10 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2204_10 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2204_10 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2204_10 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2204_10 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204
9
BCD Semiconductor Manufacturing Limited
Data Sheet
Jul 2011 Rev. 2. 2
Typical Performance Characteristics (Continued)
Figure 9. Output Voltage vs. Input Voltage
Figure 10. Output Voltage vs. Input Voltage
Figure 11. Output Voltage vs. Junction Temperature
0
2
4
6
8
10
121416
1820
2224
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
AP2204-5.0
No Load
T
J=-40
oC
T
J=25
oC
T
J=125
oC
Input Voltage (V)
0
2
4
6
8
1012
14
1618
2022
24
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
AP2204-5.0
I
OUT=150mA
T
J=-40
oC
T
J=25
oC
T
J=125
oC
Input Voltage (V)
-40
-20
0
20
40
60
80
100
120
4.80
4.84
4.88
4.92
4.96
5.00
5.04
5.08
5.12
5.16
5.20
AP2204-5.0
Junction Temperature (
oC)
I
OUT=10mA
I
OUT=100mA
I
OUT=150mA
Figure 8. Dropout Voltage vs. Junction Temperature
-40
-20
0
20
40
60
80
100
120
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
AP2204-5.0
Junction Temperature (
oC)
I
OUT=10mA
I
OUT=100mA
I
OUT=150mA


Similar Part No. - AP2204_10

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2204K-3.3VTRG1 DIODES-AP2204K-3.3VTRG1 Datasheet
910Kb / 13P
   Quad-Channel Current-Ratio-Optimized LED Driver with Analog and PWM Dimming
More results

Similar Description - AP2204_10

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
   Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
AP7387Q DIODES-AP7387Q Datasheet
1Mb / 15P
   AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 150mA ULDO REGULATOR
Rev. 2 - 2 October 2022
AP2205 DIODES-AP2205 Datasheet
1,002Kb / 16P
   WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
November 2020
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
AP7375 DIODES-AP7375 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
Rev. 3 - 2 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com