Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

93R1A-R22-A12L Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # 93R1A-R22-A12L
Description  Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

93R1A-R22-A12L Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  93R1A-R22-A12L Datasheet HTML 1Page - Bourns Electronic Solutions 93R1A-R22-A12L Datasheet HTML 2Page - Bourns Electronic Solutions 93R1A-R22-A12L Datasheet HTML 3Page - Bourns Electronic Solutions 93R1A-R22-A12L Datasheet HTML 4Page - Bourns Electronic Solutions 93R1A-R22-A12L Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
How to Order Model 91, 92, 93, 94 & 95 Panel Controls
REV. 05/13
9 1
A
2
A
-
A
2 8
-
A
1 5
/
A 1 5
L
ELEMENT TAPER
RESISTANCE CODE
TYPE/TOLERANCE
VALUE IN OHMS
(A)
Linear Cermet ±10 %
(05) - 100
(30) - 15 K
(H)
Linear Cermet ±5 %
(28) - 150
(16) - 20 K
(06) - 200
(17) - 25 K
(07) - 250
(18) - 50 K
(08) - 500
(20) - 100 K
(10) - 1 K
(21) - 200 K
(11) - 2 K
(22) - 250 K
(12) - 2.5 K
(23) - 500 K
(13) - 5 K
(25) - 1 M
(15) - 10 K
(B)
Linear C-P ±20 %
(10) - 1 K
(18) - 50 K
(E)
Linear C-P ±10 %
(12) - 2.5 K
(20) - 100 K
(13) - 5 K
(22) - 250 K
(15) - 10 K
(23) - 500 K
(16) - 20 K
(25) - 1 M
(17) - 25 K
(C)
CW Audio Cermet ±10 %
(10) - 1 K
(18) - 50 K
(D)
CW Audio C-P ±20 %
(12) - 2.5 K
(20) - 100 K
(F)
CCW Audio Cermet ±10 %
(13) - 5 K
(22) - 250 K
(G)
CCW Audio C-P ±20 %
(15) - 10 K
(23) - 500 K
(S)
CW Audio C-P ±10 %
(17) - 25 K
(25) - 1 M
(T)
CCW Audio C-P ± 10 %
AVAILABLE ONLY IN
SHAFT TYPE
LENGTHS
BUSHINGS
(CODE)
(CODE)
B
Plastic Single Slotted 1/4 " (6.35 mm) D
16, 20, 24, 28
A
C
Plastic Single Flatted 1/4" (6.35 mm) D
24, 28
A
D
Plastic Single Plain 1/8" (3.18 mm) D
16, 20, 24
C
R
Plastic Single Slotted 6 mm D
Metric 16, 22
R
T
Plastic Single Slotted 4 mm D
Metric 16, 22
U
W
Plastic Single Knurled 1/4" (6.35 mm) D
32
A
A
Metal Single Plain 1/4" (6.35 mm) D
16, 20, 24
A
E
Metal Single Slotted 1/8" (3.18 mm) D
16, 20, 24
C
G
Metal Single Slotted 1/4" (6.35 mm) D
16, 20, 24, 28
A
H
Metal Single Flatted 1/4" (6.35 mm) D
24, 28
A
J
Metal Single Slotted 6 mm D
Metric 16, 22
R
S
Metal Single Flatted 6 mm D
Metric 16, 22
R
V
Metal Single Slotted 4 mm D
Metric 16, 22
U
A
Metal Plain 3/8 ” (9.53 mm) D x 3/8 ” (9.53 mm) L
C
Metal Plain 1/4 ” (6.35 mm) D x 1/4 ” (6.35 mm) L
R
Metal Plain 10 mm D x 9 mm L
U
Metal Plain 7 mm D x 9 mm L
MODEL
91
Single-Turn, In-Line PC Pins
92
Single-Turn, In-Line J-Hooks
93
Single-Turn, L-Pattern PC Pins
94
Single-Turn, L-Pattern J-Hooks
95
Single-Turn, Triangle-Pattern Solder Lugs
# SECTIONS
1
Single
2
Dual
BUSHING
A
Single .305 ” (7.8 mm) R,
90 °CW
D
No Lug
ANTI-ROTATION LUG
RoHS IDENTIFIER
Compliant
L
Part number for multiple section potentiometers must have
a taper and resistance value for each section.
Boldface features are Bourns standard options.
All others are available with higher minimum order
quantities.
SHAFT
AVAILABLE
LENGTH
ONLY IN
(FMS)
BUSHING
Code
Description
Code
16
1/2 ”L
A, C
20
5/8 ”L
A, C
24
3/4 ”L
A, C
28
7/8 ”L
A
32
1 ”L
A
METRIC
16
16 mmL
R, U
22
22 mmL
R, U


Similar Part No. - 93R1A-R22-A12L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
93R1A-R22-A05L BOURNS-93R1A-R22-A05L Datasheet
315Kb / 5P
   Virtually infi nite electrical circuit isolation
More results

Similar Description - 93R1A-R22-A12L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
93A1A-B28-A15 BOURNS-93A1A-B28-A15 Datasheet
352Kb / 6P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control
91C1A-D24-B10 BOURNS-91C1A-D24-B10 Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control
91A2A-A28-A15 BOURNS-91A2A-A28-A15 Datasheet
315Kb / 5P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control Metal or plastic shaft options
91A2A BOURNS-91A2A Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91A1A-B28-B17L BOURNS-91A1A-B28-B17L Datasheet
218Kb / 5P
   91, 92, 93, 94, 95, 96, 99 - 5/8 ??Square Single-Turn Panel Control 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
96A1A-A28-A15L BOURNS-96A1A-A28-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
96R1A-R16-A15L BOURNS-96R1A-R16-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
81A2A-B28-A15 BOURNS-81A2A-B28-A15 Datasheet
401Kb / 6P
   Square Single-Turn Panel Control
PCW1J-B24 BOURNS-PCW1J-B24 Datasheet
316Kb / 4P
   PC - Slimline22 mm Square Single Turn Panel Control
PCW1J-B24-BAB103L BOURNS-PCW1J-B24-BAB103L Datasheet
324Kb / 4P
   PC - Slimline 22 mm Square Single Turn Panel Control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com