Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DM74LS534 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. DM74LS534
Description  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS534 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  DM74LS534 Datasheet HTML 1Page - Fairchild Semiconductor DM74LS534 Datasheet HTML 2Page - Fairchild Semiconductor DM74LS534 Datasheet HTML 3Page - Fairchild Semiconductor DM74LS534 Datasheet HTML 4Page - Fairchild Semiconductor DM74LS534 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.fairchildsemi.com
4
Switching Characteristics V
CC = +5.0V, TA = +25°C
Symbol
Parameter
RL = 2 kΩ, CL = 45 pF
Units
Min
Max
fMAX
Maximum Clock Frequency
35
MHz
tPLH
Propagation Delay
28
ns
tPHL
CP to Qn
28
tPZH
Output Enable Time
28
ns
tPZL
28
tPHZ
Output Disable Time
20
ns
tPLZ
25


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn