Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT93C66B-SSHM-T Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT93C66B-SSHM-T
Description  3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C66B-SSHM-T Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT93C66B-SSHM-T Datasheet HTML 13Page - ATMEL Corporation AT93C66B-SSHM-T Datasheet HTML 14Page - ATMEL Corporation AT93C66B-SSHM-T Datasheet HTML 15Page - ATMEL Corporation AT93C66B-SSHM-T Datasheet HTML 16Page - ATMEL Corporation AT93C66B-SSHM-T Datasheet HTML 17Page - ATMEL Corporation AT93C66B-SSHM-T Datasheet HTML 18Page - ATMEL Corporation AT93C66B-SSHM-T Datasheet HTML 19Page - ATMEL Corporation AT93C66B-SSHM-T Datasheet HTML 20Page - ATMEL Corporation AT93C66B-SSHM-T Datasheet HTML 21Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
Atmel AT93C56B/66B [Datasheet]
Atmel-8735B-SEEPROM-AT93C56B-66B-Datasheet_042013
10.4 8ME1 — 8-pad XDFN
Package Drawing Contact:
packagedrawings@atmel.com
GPC
DRAWING NO.
REV.
TITLE
COMMON DIMENSIONS
(Unit of Measure = mm)
DTP
SYMBOL
MIN
NOM
MAX
NOTE
0.00
1.70
2.10
0.15
0.26
A
A1
D
E
b
e
e1
L
1.80
2.20
0.20
0.40 TYP
1.20 REF
0.30
0.40
0.05
1.90
2.30
0.25
0.35
End View
8ME1
B
9/10/2012
8ME1, 8-pad (1.80mm x 2.20mm body) Extra Thin DFN
(XDFN)
Top View
6
5
7
4
3
E
D
8
1
2
PIN #1 ID
0.10
0.15
b
L
b
e
PIN #1 ID
e1
A1
A
Side View


Similar Part No. - AT93C66B-SSHM-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C66B-SSHM-T ATMEL-AT93C66B-SSHM-T Datasheet
1Mb / 21P
   Three-wire Serial Electrically Erasable Programmable Read-only Memory
More results

Similar Description - AT93C66B-SSHM-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C56B-SSHM-T ATMEL-AT93C56B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56A ATMEL-AT93C56A_08 Datasheet
442Kb / 21P
   Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
   2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
logo
STMicroelectronics
ST93C56 STMICROELECTRONICS-ST93C56 Datasheet
108Kb / 13P
   2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
ST93C66 STMICROELECTRONICS-ST93C66 Datasheet
107Kb / 13P
   4K 256 x 16 or 512 x 8 SERIAL MICROWIRE EEPROM
logo
ATMEL Corporation
AT93C56A ATMEL-AT93C56A Datasheet
167Kb / 18P
   3-wire Serial EEPROMs 2K (256 x 8 or 128 x 16)
logo
STMicroelectronics
ST93C06 STMICROELECTRONICS-ST93C06 Datasheet
118Kb / 15P
   256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
logo
ATMEL Corporation
AT25010A ATMEL-AT25010A_07 Datasheet
351Kb / 18P
   SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
logo
STMicroelectronics
ST24C02 STMICROELECTRONICS-ST24C02 Datasheet
145Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
November 1997
ST24C02R STMICROELECTRONICS-ST24C02R Datasheet
141Kb / 16P
   SERIAL 2K (256 x 8) EEPROM
1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com