Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89LP51ED2-20JU Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT89LP51ED2-20JU
Description  8-bit Flash Microcontroller with 64KB Program Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51ED2-20JU Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT89LP51ED2-20JU Datasheet HTML 11Page - ATMEL Corporation AT89LP51ED2-20JU Datasheet HTML 12Page - ATMEL Corporation AT89LP51ED2-20JU Datasheet HTML 13Page - ATMEL Corporation AT89LP51ED2-20JU Datasheet HTML 14Page - ATMEL Corporation AT89LP51ED2-20JU Datasheet HTML 15Page - ATMEL Corporation AT89LP51ED2-20JU Datasheet HTML 16Page - ATMEL Corporation AT89LP51ED2-20JU Datasheet HTML 17Page - ATMEL Corporation AT89LP51ED2-20JU Datasheet HTML 18Page - ATMEL Corporation AT89LP51ED2-20JU Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
15
3714AS–MICRO–7/11
AT89LP51RD2/ED2/ID2 Summary - Preliminary
Table 3-8.
Timer SFRs
Mnemonic
Add
Name
765432
10
TCON
88hTimer/Counter 0 and 1 Control
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
TMOD
89h
Timer/Counter 0 and 1 Modes
GATE1
C/T1
M11
M01
GATE0
C/T0
M10
M00
TCONB
91h
Timer/Counter 0 and 1 Mode B
TL0
8Ah
Timer/Counter 0 Low Byte
TH0
8Ch
Timer/Counter 0 High Byte
TL1
8Bh
Timer/Counter 1 Low Byte
TH1
8Dh
Timer/Counter 1 High Byte
RL0
F2h
Timer/Counter 0 Reload Low
RH0
F3h
Timer/Counter 0 Reload High
RTL1
F4h
Timer/Counter 1 Reload Low
RH1
F5h
Timer/Counter 1 Reload High
WDTRST
A6h
WatchDog Timer Reset
WDTPRG
A7h
WatchDog Timer Program
WTO2WTO1WTO0
T2CON
C8hTimer/Counter 2 control
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
T2MOD
C9h
Timer/Counter 2 Mode
––––––
T2OE
DCEN
RCAP2H
CBh
Timer/Counter 2 Reload/Capture
High Byte
RCAP2L
CAh
Timer/Counter 2 Reload/Capture
Low Byte
TH2
CDh
Timer/Counter 2 High Byte
TL2
CCh
Timer/Counter 2 Low Byte
Table 3-9.
SPI Controller SFRs
Mnemonic
Add
Name
765432
10
SPCON
C3h
SPI Control
SPR2
SPEN
SSDIS
MSTR
CPOL
CPHA
SPR1
SPR0
SPSTA
C4h
SPI Status
SPIF
WCOL
SSERR
MODF
SPDAT
C5h
SPI Data
SPD7
SPD6
SPD5
SPD4
SPD3
SPD2
SPD1
SPD0
Table 3-10.
TWI Controller SFRs
Mnemonic
Add
Name
765432
10
SSCON
93h
Synchronous Serial Control
SSCR2
SSPE
SSSTA
SSSTO
SSI
SSAA
SSCR1
SSCR0
SSCS
94h
Synchronous Serial Status
SSC4
SSC3
SSC2
SSC1
SSC0
0
0
0
SSDAT
95h
Synchronous Serial Data
SSADR
96h
Synchronous Serial Address
SSA7
SSA6
SSA5
SSA4
SSA3
SSA2
SSA1
SSGC


Similar Part No. - AT89LP51ED2-20JU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP51ED2 ATMEL-AT89LP51ED2_14 Datasheet
809Kb / 26P
   8-bit Microcontroller Compatible with 8051 Products
More results

Similar Description - AT89LP51ED2-20JU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51AC3 ATMEL-AT89C51AC3_05 Datasheet
1Mb / 143P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89C51AC3 ATMEL-AT89C51AC3_08 Datasheet
1Mb / 140P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89C51AC3 ATMEL-AT89C51AC3 Datasheet
1Mb / 141P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
ATMEGA64A ATMEL-ATMEGA64A_14 Datasheet
9Mb / 395P
   8-bit Atmel Microcontroller with 64KB In-System Programmable Flash
logo
NXP Semiconductors
89C535 PHILIPS-89C535 Datasheet
221Kb / 35P
   CMOS single-chip 8-bit microcontrollers with FLASH program memory
1997 June 05
P89C668 PHILIPS-P89C668 Datasheet
299Kb / 54P
   80C51 8-bit Flash microcontroller family 64KB ISP FLASH with 8KB RAM
2001 Jul 27
logo
Texas Instruments
COP8CBR9 TI1-COP8CBR9_15 Datasheet
2Mb / 111P
[Old version datasheet]   8-Bit CMOS Flash Microcontroller with 32k Memory
logo
Microchip Technology
ATMEGA640 MICROCHIP-ATMEGA640 Datasheet
3Mb / 436P
   8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
logo
ATMEL Corporation
AT89C51AC2 ATMEL-AT89C51AC2_06 Datasheet
1Mb / 121P
   Enhanced 8-bit Microcontroller with 32 KB Flash Memory
T89C51AC2 ATMEL-T89C51AC2 Datasheet
1Mb / 117P
   Enhanced 8-bit Microcontroller with 32 KB Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com