Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT30TSE754-XM8-T Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT30TSE754-XM8-T
Description  9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers and Serial EEPROM
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT30TSE754-XM8-T Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT30TSE754-XM8-T Datasheet HTML 35Page - ATMEL Corporation AT30TSE754-XM8-T Datasheet HTML 36Page - ATMEL Corporation AT30TSE754-XM8-T Datasheet HTML 37Page - ATMEL Corporation AT30TSE754-XM8-T Datasheet HTML 38Page - ATMEL Corporation AT30TSE754-XM8-T Datasheet HTML 39Page - ATMEL Corporation AT30TSE754-XM8-T Datasheet HTML 40Page - ATMEL Corporation AT30TSE754-XM8-T Datasheet HTML 41Page - ATMEL Corporation AT30TSE754-XM8-T Datasheet HTML 42Page - ATMEL Corporation AT30TSE754-XM8-T Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
39
Atmel AT30TSE752/754/758 [DATASHEET]
8751D–DTS–8/2012
10.4.2 Random Read
Random Read operations allow the Master to access any memory location in a random manner and requires a “dummy
write” sequence to preload the byte address of the data byte to be read. To perform this type of Read operation, the data
byte address must first be set. This is accomplished by sending the device address byte and the word address byte to
the AT30TSE752/754/758 as part of a Write operation or “dummy write” sequence. Once the word address byte is sent,
the Master generates a Start condition following the ACK. This terminates the Write operation but not before the
AT30TSE752/754/758’s internal address pointer is set. This is the reason it is called a “dummy write” sequence as its
only purpose is to preload the starting byte address to be read from. The Master then issues the device address byte
again, but with the R/W bit set to a logic “1” state. The AT30TSE752/754/758 will ACK and transmit the data byte. The
Master will NACK and generate a Stop condition and the AT30TSE752/754/758 will discontinue the transmission.
Figure 10-4. Random Read from Serial EEPROM
SCL
SDA
Start
by
Master
ACK
from
Slave
ACK
from
Slave
Device Address Byte
Word Address Byte
MSB
MSB
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
0
1
0
A
A/P1 A/P0
0
0
0
0
0
0
0
0
0
0
0
Dummy Write
Start
by
Master
ACK
from
Slave
NACK
from
Master
Device Address Byte
Data Byte (n)
Stop
by
Master
MSB
MSB
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
0
1
0
A
A/P1 A/P0
1
0
D7
D6
D5
D4
D3
D2
D1
D0
1


Similar Part No. - AT30TSE754-XM8-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT30TSE754-XM8-T ATMEL-AT30TSE754-XM8-T Datasheet
2Mb / 60P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers and Serial EEPROM
More results

Similar Description - AT30TSE754-XM8-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT30TSE752 ATMEL-AT30TSE752 Datasheet
2Mb / 60P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers and Serial EEPROM
AT30TSE752A ATMEL-AT30TSE752A_14 Datasheet
1Mb / 57P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TS750 ATMEL-AT30TS750 Datasheet
1Mb / 50P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TS750A ATMEL-AT30TS750A Datasheet
1Mb / 48P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TS75 ATMEL-AT30TS75 Datasheet
309Kb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TS75A ATMEL-AT30TS75A Datasheet
1Mb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TS01 ATMEL-AT30TS01 Datasheet
850Kb / 30P
   짹0.5째C Accurate, 1.7V Digital Temperature Sensor
logo
Analog Devices
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7410 AD-ADT7410 Datasheet
452Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
logo
ATMEL Corporation
AT30TS750 ATMEL-AT30TS750_14 Datasheet
1Mb / 51P
   Digital Temperature Sensor with Nonvolatile Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com