Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DM74LS51 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. DM74LS51
Description  Dual 2-Wide 2-Input, 2-Wide 3-Input AND-OR-INVERT Gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS51 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  DM74LS51 Datasheet HTML 1Page - Fairchild Semiconductor DM74LS51 Datasheet HTML 2Page - Fairchild Semiconductor DM74LS51 Datasheet HTML 3Page - Fairchild Semiconductor DM74LS51 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Note 3: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Switching Characteristics
at VCC = 5V and TA = 25°C
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max,
2.7
3.4
V
Output Voltage
VIL = Max
VOL
LOW Level
VCC = Min, IOL = Max,
0.35
0.5
Output Voltage
VIH = Min
V
IOL = 4 mA, VCC = Min
0.25
0.4
II
Input Current @ Max Input Voltage
VCC = Max, VI = 7V
0.1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−0.36
mA
IOS
Short Circuit Output Current
VCC = Max (Note 3)
−20
−100
mA
ICCH
Supply Current with Outputs HIGH
VCC = Max
0.8
1.6
mA
ICCL
Supply Current with Outputs LOW
VCC = Max
1.4
2.8
mA
Symbol
Parameter
CL = 50 pF, RL = 2 kΩ
Units
Min
Max
tPLH
Propagation Delay Time
418
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
315
ns
HIGH-to-LOW Level Output


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN54LS51 DUAL 2-WIDE 2-INPUT/ 3-INPUT AND-OR-INVERT GATE 1  2  Motorola, Inc
74F51 Dual 2-wide 2-input 2-wise 3-input AND-OR-invert gate 1  2  3  4  5  More NXP Semiconductors
HEF4085B Dual 2-wide 2-input AND-OR-invert gate 1  2  3  NXP Semiconductors
DM74S51 Dual 2-Wide 2-Input AND-OR-INVERT Gate 1  2  3  Fairchild Semiconductor
HD14506B Dual 2-wide 2-input Expandable AND-OR-INVERT Gate 1  2  3  4  5  More Hitachi Semiconductor
HD74HC51 2-wide 2-input 2-wide 3-input AND-OR-INVERT Gate 1  2  3  4  5  More Hitachi Semiconductor
74F51 Dual 2-Wide 2-Input; 2-Wide 3-Input AND-OR-Invert Gate 1  2  3  4  Fairchild Semiconductor
DM7450 Expandable Dual 2-Wide 2-Input AND-OR-INVERT Gate 1  2  3  4  National Semiconductor (TI)
54LS51 DUAL 2-WIDE 2-INPUT 2-WIDE 3-INPUT AND-OR-INVERT GATES 1  2  3  National Semiconductor (TI)
CD4085B CMOS DUAL 2-WIDE 2-INPUT AND-OR-INVERT GATE 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn