Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL70001SEHX Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL70001SEHX
Description  Rad Hard and SEE Hard 6A Synchronous Buck Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70001SEHX Datasheet(HTML) 3 Page - Intersil Corporation

  ISL70001SEHX Datasheet HTML 1Page - Intersil Corporation ISL70001SEHX Datasheet HTML 2Page - Intersil Corporation ISL70001SEHX Datasheet HTML 3Page - Intersil Corporation ISL70001SEHX Datasheet HTML 4Page - Intersil Corporation ISL70001SEHX Datasheet HTML 5Page - Intersil Corporation ISL70001SEHX Datasheet HTML 6Page - Intersil Corporation ISL70001SEHX Datasheet HTML 7Page - Intersil Corporation ISL70001SEHX Datasheet HTML 8Page - Intersil Corporation ISL70001SEHX Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ISL70001ASEH
3
FN8365.0
May 22, 2013
Pin Configuration
ISL70001ASEH
(48 LD CQFP)
TOP VIEW
7
8
9
10
11
12
13
14
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
15
16
17
18
19 20 21 22
39
40
41
42
43
44
45
46
47
48
1
2
3
4
5
6
PVIN3
LX3
PGND3
PGND3
PGND4
PGND4
LX4
PVIN4
PVIN4
PVIN5
PVIN5
LX5
M/S
ZAP
TDI
TDO
PGOOD
DVDD
DGND
DGND
AGND
AGND
SS
DVDD
* HEATSINK
* Heatsink available in R48.B package
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1, 2, 27, 28, 29, 30,
37, 38, 39, 40, 47,
48
PGNDx
These pins are the power grounds associated with the corresponding internal power blocks. Connect these pins
directly to the ground plane. These pins should also connect to the negative terminals of the input and output
capacitors. Locate the input and output capacitors as close as possible to the IC.
3, 26, 31, 36, 41,
46
LXx
These pins are the outputs of the corresponding internal power blocks and should be connected to the output
filter inductor. Internally, these pins are connected to the synchronous MOSFET power switches. To minimize
voltage undershoot, it is recommended that a Schottky diode be connected from these pins to PGNDx. The
Schottky diode should be located as close as possible to the IC.
4, 5, 24, 25, 32, 33,
34, 35, 42, 43, 44,
45
PVINx
These pins are the power supply inputs to the corresponding internal power blocks. These pins must be
connected to a common power supply rail, which must fall in the range of 3V to 5.5V. Bypass these pins directly
to PGNDx with ceramic capacitors located as close as possible to the IC.
6
SYNC
This pin is the synchronization I/O for the IC. When configured as an output (Master Mode), this pin drives the
SYNC input of another ISL70001ASEH. When configured as an input (Slave Mode), this pin accepts the SYNC
output from another ISL70001ASEH or an external clock. Synchronization of the slave unit is 180° out-of-phase
with respect to the master unit. If synchronizing to an external clock, the clock must be SEE hardened and the
frequency must be within the range of 1MHz ±20%.
7
M/S
This pin is the Master/Slave input for selecting the direction of the bi-directional SYNC pin. For SYNC = Output
(Master Mode), connect this pin to DVDD. For SYNC = Input (Slave Mode), connect this pin to DGND.
8
ZAP
This pin is a trim input and is used to adjust various internal circuitry. Connect this pin to DGND.
9
TDI
This pin is the test data input of the internal BIT circuitry. Connect this pin to DGND.
10
TDO
This pin is the test data output of the internal BIT circuitry. Connect this pin to DGND.
11
PGOOD
This pin is the power-good output. This pin is an open drain logic output that is pulled to DGND when the output
voltage is outside a ±11% typical regulation window. This pin can be pulled up to any voltage from 0V to 5.5V,
independent of the supply voltage. A nominal 1k
Ω to 10kΩ pull-up resistor is recommended. Bypass this pin
to DGND with a 10nF ceramic capacitor to mitigate SEE.


Similar Part No. - ISL70001SEHX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70001SEH INTERSIL-ISL70001SEH Datasheet
587Kb / 17P
   Rad Hard and SEE Hard 6A Synchronous Buck Regulator
More results

Similar Description - ISL70001SEHX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70001SEH INTERSIL-ISL70001SEH Datasheet
587Kb / 17P
   Rad Hard and SEE Hard 6A Synchronous Buck Regulator
ISL70002SEH INTERSIL-ISL70002SEH Datasheet
558Kb / 23P
   Rad Hard and SEE Hard 12A Synchronous Buck Regulator with Multi-Phase Current Sharing
logo
Anaren Microwave
MSK5062RH ANAREN-MSK5062RH Datasheet
1,022Kb / 13P
   RAD HARD 6A SWITCHING REGULATOR
MSK5063RH ANAREN-MSK5063RH Datasheet
704Kb / 12P
   RAD HARD HIGH VOLTAGE SYNCHRONOUS SWITCHING REGULATOR
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
logo
Anaren Microwave
MSK5055RH ANAREN-MSK5055RH Datasheet
513Kb / 11P
   RAD HARD HIGH VOLTAGE SYNCHRONOUS SWITCHING REGULATOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK5911 MSK-MSK5911 Datasheet
293Kb / 7P
   DUAL RAD HARD /- VOLTAGE REGULATOR
MSK591XRHG MSK-MSK591XRHG Datasheet
298Kb / 7P
   DUAL RAD HARD /- VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5044RH ANAREN-MSK5044RH Datasheet
1Mb / 9P
   RAD HARD 3.5A SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com