Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R0922503V9A Datasheet(PDF) 4 Page - Intersil Corporation

Part # 5962R0922503V9A
Description  Rad Hard and SEE Hard 6A Synchronous Buck Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R0922503V9A Datasheet(HTML) 4 Page - Intersil Corporation

  5962R0922503V9A Datasheet HTML 1Page - Intersil Corporation 5962R0922503V9A Datasheet HTML 2Page - Intersil Corporation 5962R0922503V9A Datasheet HTML 3Page - Intersil Corporation 5962R0922503V9A Datasheet HTML 4Page - Intersil Corporation 5962R0922503V9A Datasheet HTML 5Page - Intersil Corporation 5962R0922503V9A Datasheet HTML 6Page - Intersil Corporation 5962R0922503V9A Datasheet HTML 7Page - Intersil Corporation 5962R0922503V9A Datasheet HTML 8Page - Intersil Corporation 5962R0922503V9A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
ISL70001ASEH
4
FN8365.0
May 22, 2013
12
SS
This pin is the soft-start input. Connect a ceramic capacitor from this pin to DGND to set the soft-start output
ramp time in accordance with Equation 1:
where:
tSS = Soft-start output ramp time
CSS = Soft-start capacitor
VREF = Reference voltage (0.6V typical)
ISS = Soft-start charging current (23µA typical)
Soft-start time is adjustable from approximately 2ms to 200ms.
The range of the soft-start capacitor should be 82nF to 8.2µF, inclusive.
13, 14
DVDD
These pins are the bias supply inputs to the internal digital control circuitry. Connect these pins together at the
IC and locally filter them to DGND using a 1
Ω resistor and a 1µF ceramic capacitor. Locate both filter
components as close as possible to the IC.
15, 16
DGND
These pins are the digital ground associated with the internal digital control circuitry. Connect these pins
directly to the ground plane.
17, 18
AGND
These pins are the analog ground associated with the internal analog control circuitry. Connect these pins
directly to the ground plane.
19
AVDD
This pin is the bias supply input to the internal analog control circuitry. Locally filter this pin to AGND using a 1
Ω
resistor and a 1µF ceramic capacitor. Locate both filter components as close as possible to the IC.
20
REF
This pin is the internal reference voltage output. Bypass this pin to AGND with a 220nF ceramic capacitor
located as close as possible to the IC. The bypass capacitor is needed to mitigate SEE. No current (sourcing or
sinking) is available from this pin.
21
FB
This pin is the voltage feedback input to the internal error amplifier. Connect a resistor from FB to VOUT and
from FB to AGND to adjust the output voltage in accordance with Equation 2:
where:
VOUT = Output voltage
VREF = Reference voltage (0.6V typical)
RT = Top divider resistor (Must be 1kΩ)
RB = Bottom divider resistor
The top divider resistor must be 1k
Ω to mitigate SEE. Connect a 4.7nF ceramic capacitor across RT to mitigate SEE
and to improve stability margins.
22
EN
This pin is the enable input to the IC. This is a comparator type input with a rising threshold of 0.6V and
programmable hysteresis. Driving this pin above 0.6V enables the IC. Bypass this pin to AGND with a 10nF
ceramic capacitor to mitigate SEE.
23
PORSEL
This pin is the input for selecting the rising and falling POR (Power-On-Reset) thresholds. For a nominal 5V
supply, connect this pin to DVDD. For a nominal 3.3V supply, connect this pin to DGND. For nominal supply
voltages between 5V and 3.3V, connect this pin to DGND.
HEATSINK
The heatsink is electrically isolated and should be connected to a thermal chassis of any potential which offers
optimal thermal relief.
Pin Descriptions (Continued)
PIN NUMBER
PIN NAME
DESCRIPTION
tSS
CSS VREF
ISS
=
(EQ. 1)
VOUT
VREF 1RT RB
()
+
[]
=
(EQ. 2)


Similar Part No. - 5962R0922503V9A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5962R0922503V9A RENESAS-5962R0922503V9A Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
More results

Similar Description - 5962R0922503V9A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70001SEH INTERSIL-ISL70001SEH Datasheet
587Kb / 17P
   Rad Hard and SEE Hard 6A Synchronous Buck Regulator
ISL70002SEH INTERSIL-ISL70002SEH Datasheet
558Kb / 23P
   Rad Hard and SEE Hard 12A Synchronous Buck Regulator with Multi-Phase Current Sharing
logo
Anaren Microwave
MSK5062RH ANAREN-MSK5062RH Datasheet
1,022Kb / 13P
   RAD HARD 6A SWITCHING REGULATOR
MSK5063RH ANAREN-MSK5063RH Datasheet
704Kb / 12P
   RAD HARD HIGH VOLTAGE SYNCHRONOUS SWITCHING REGULATOR
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
   Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
logo
Anaren Microwave
MSK5055RH ANAREN-MSK5055RH Datasheet
513Kb / 11P
   RAD HARD HIGH VOLTAGE SYNCHRONOUS SWITCHING REGULATOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK5911 MSK-MSK5911 Datasheet
293Kb / 7P
   DUAL RAD HARD /- VOLTAGE REGULATOR
MSK591XRHG MSK-MSK591XRHG Datasheet
298Kb / 7P
   DUAL RAD HARD /- VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5044RH ANAREN-MSK5044RH Datasheet
1Mb / 9P
   RAD HARD 3.5A SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com