Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5611-EVALZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5611-EVALZ
Description  30 MHz to 6 GHz RF/IF Gain Block
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5611-EVALZ Datasheet(HTML) 5 Page - Analog Devices

  ADL5611-EVALZ Datasheet HTML 1Page - Analog Devices ADL5611-EVALZ Datasheet HTML 2Page - Analog Devices ADL5611-EVALZ Datasheet HTML 3Page - Analog Devices ADL5611-EVALZ Datasheet HTML 4Page - Analog Devices ADL5611-EVALZ Datasheet HTML 5Page - Analog Devices ADL5611-EVALZ Datasheet HTML 6Page - Analog Devices ADL5611-EVALZ Datasheet HTML 7Page - Analog Devices ADL5611-EVALZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Preliminary Technical Data
ADL5611
Rev. PrA | Page 5 of 8
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2.Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic Description
1
RFIN
RF Input. This pin requires a dc blocking capacitor.
2
GND
Ground. Connect this pin to a low impedance ground plane.
3
RFOUT
RF Output and Supply Voltage. DC bias is provided to this pin through an inductor that is connected to the
external power supply. RF path requires a dc blocking capacitor.
Exposed
Paddle
Exposed Paddle. Internally connected to GND. Solder to a low impedance ground plane.
RFIN
GND
RFOUT
1
2
3
GND
ADL5611
TOP VIEW
(Not to Scale)
(2)


Similar Part No. - ADL5611-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5611-EVALZ AD-ADL5611-EVALZ Datasheet
402Kb / 16P
   RF/IF Gain Block
More results

Similar Description - ADL5611-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5544 AD-ADL5544 Datasheet
418Kb / 20P
   30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5610 AD-ADL5610 Datasheet
339Kb / 16P
   30 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5545 AD-ADL5545 Datasheet
414Kb / 20P
   30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5541 AD-ADL5541_15 Datasheet
257Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541 Datasheet
285Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5542 AD-ADL5542 Datasheet
265Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5536 AD-ADL5536 Datasheet
307Kb / 16P
   20 MHz to 1.0 GHz IF Gain Block
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com