Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

95370601000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 95370601000
Description  Computer Cable for EIA RS-232 Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

95370601000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  95370601000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 95370601000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 95370601000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
9537 Non-Paired - Computer Cable for EIA RS-232 Applications
OUTER JACKET:
Outer Jacket Material
PVC - Polyvinyl Chloride
Outer Jacket Nominal Wall Thickness
.032 in.
OVERALL NOMINAL DIAMETER:
Overall Nominal Diameter
.209 in.
MECHANICAL CHARACTERISTICS:
Operating Temperature Range
-30°C To +80°C
UL Temperature Rating
80°C (UL AWM Style 2464)
Bulk Cable Weight
27.4 lbs/1000 ft.
Max. Recommended Pulling Tension
38.5 lbs.
Min. Bend Radius (Install)
2.12 in.
APPLICABLE SPECIFICATIONS AND AGENCY COMPLIANCE:
APPLICABLE STANDARDS:
NEC/(UL) Specification
CMG
CEC/C(UL) Specification
CMG
AWM Specification
UL Style 2464 (300 V 80°C)
EU CE Mark (Y/N)
Yes
EU RoHS Compliant (Y/N)
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
04/01/2005
FLAME TEST:
C(UL) Flame Test
FT4
PLENUM/NON-PLENUM:
Plenum (Y/N)
N
ELECTRICAL CHARACTERISTICS:
Nom. Capacitance Conductor to Conductor @ 1 KHz
33 pF/ft
Nom. Cap. Cond. to Other Cond. & Shield @ 1 KHz
65 pF/ft
Nom. Conductor DC Resistance @ 20 Deg. C
25 Ohms/1000 ft
Nominal Outer Shield DC Resistance @ 20 Deg. C
18 Ohms/1000 ft
Max. Operating Voltage - UL
300 V RMS (UL AWM Style 2464)
Max. Recommended Current
1.75 Amps per conductor @ 25°C
PUT-UPS AND COLORS:
Item
Description
Put-Up (ft.)
Ship Weight (lbs.)
Jacket Color
Notes
9537 060100
7 #24 PVC FS PVC
100
3.7
CHROME
C
Page 2 of 3


Similar Part No. - 95370601000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9537 BELDEN-9537 Datasheet
200Kb / 2P
   RS232, #24-7c, SR-PVC, O/A Foil, PVC Jkt, CMG
04-19-2023
logo
Keystone Electronics Co...
9537 KEYSTONE-9537 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Belden Inc.
9537-060100 BELDEN-9537-060100 Datasheet
200Kb / 2P
   RS232, #24-7c, SR-PVC, O/A Foil, PVC Jkt, CMG
04-19-2023
9537-0601000 BELDEN-9537-0601000 Datasheet
200Kb / 2P
   RS232, #24-7c, SR-PVC, O/A Foil, PVC Jkt, CMG
04-19-2023
9537-060500 BELDEN-9537-060500 Datasheet
200Kb / 2P
   RS232, #24-7c, SR-PVC, O/A Foil, PVC Jkt, CMG
04-19-2023
More results

Similar Description - 95370601000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9541 ETC1-9541 Datasheet
33Kb / 3P
   Computer Cable for EIA RS-232 Applications
9507 ETC1-9507 Datasheet
33Kb / 3P
   Computer Cable for EIA RS-232 Applications
9508 ETC1-9508 Datasheet
33Kb / 3P
   Computer Cable for EIA RS-232 Applications
9505 ETC2-9505 Datasheet
33Kb / 3P
   Computer Cable for EIA RS-232 Applications
9509 ETC2-9509 Datasheet
38Kb / 3P
   Computer Cable for EIA RS-232 Applications
9502 ETC2-9502 Datasheet
33Kb / 3P
   Computer Cable for EIA RS-232 Applications
9501 ETC2-9501 Datasheet
32Kb / 3P
   Computer Cable for EIA RS-232 Applications
9515 ETC1-9515 Datasheet
33Kb / 3P
   Computer Cable for EIA RS-232 Applications
9536 ETC2-9536 Datasheet
33Kb / 3P
   Computer Cable for EIA RS-232 Applications
9540 ETC2-9540 Datasheet
33Kb / 3P
   Computer Cable for EIA RS-232 Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com