Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM4963P Datasheet(PDF) 3 Page - Analog Power

Part # AM4963P
Description  P-Channel 60-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4963P Datasheet(HTML) 3 Page - Analog Power

  AM4963P Datasheet HTML 1Page - Analog Power AM4963P Datasheet HTML 2Page - Analog Power AM4963P Datasheet HTML 3Page - Analog Power AM4963P Datasheet HTML 4Page - Analog Power AM4963P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Analog Power
AM4963P
1. On-Resistance vs. Drain Current
2. Transfer Characteristics
3. On-Resistance vs. Gate-to-Source Voltage
4. Drain-to-Source Forward Voltage
5. Output Characteristics
6. Capacitance
Typical Electrical Characteristics
0
0.1
0.2
0.3
0.4
0
1
2
3
ID-Drain Current (A)
4.5V,6V,8V,10V
4V
0
1
2
3
0
0.2
0.4
0.6
0.8
VDS - Drain-to-Source Voltage (V)
10V,8V,6V,4.5V
4V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
2
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
TJ = 25°C
0.0
0.5
1.0
1.5
2.0
0
1
2
3
4
5
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD - Source-to-Drain Voltage (V)
TJ = 25°C
0
100
200
300
400
500
600
0
5
10
15
20
VDS-Drain-to-Source Voltage (V)
Ciss
Coss
Crss
F = 1MHz
ID = -2.8A
© Preliminary
3
Publication Order Number:
DS_AM4963P_1A


Similar Part No. - AM4963P

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
AM4963P DOINGTER-AM4963P Datasheet
1Mb / 5P
   P-Channel MOSFET uses advanced trench technology
More results

Similar Description - AM4963P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Nov-03
logo
Bruckewell Technology L...
MSD30P06 BWTECH-MSD30P06 Datasheet
544Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM90P06-20B ANALOGPOWER-AM90P06-20B Datasheet
367Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM30P06-40D ANALOGPOWER-AM30P06-40D Datasheet
350Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. D, 29-Nov-99
logo
Analog Power
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com