Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM4962NE Datasheet(PDF) 4 Page - Analog Power

Part # AM4962NE
Description  N-Channel 60-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4962NE Datasheet(HTML) 4 Page - Analog Power

  AM4962NE Datasheet HTML 1Page - Analog Power AM4962NE Datasheet HTML 2Page - Analog Power AM4962NE Datasheet HTML 3Page - Analog Power AM4962NE Datasheet HTML 4Page - Analog Power AM4962NE Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
AM4962NE
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM4962NE_A
Typical Electrical Characteristics (N-Channel)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Single Pulse Power
Threshold Voltage
Source-Drain Diode Forward Voltage
On-Resistance vs.Gate-to Source Voltage
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
VSD - Source-to-Drain Voltage (V)
TA = 125
oC
25oC
0.02
0.04
0.06
0.08
0.1
0.12
246
8
10
VGS - Gate-to-Source Voltage (V)
1.4
1.8
2.2
2.6
3
-50
-25
0
25
50
75
100
125
150
175
TJ - Temperature (
oC)
ID = 250µA
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
Ti me ( sec)
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
Square Wave Pulse Duration (sec)
RθJA(t) = r(t) + RθJA
RθJA = 125
oC/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5


Similar Part No. - AM4962NE

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4962 BCDSEMI-AM4962 Datasheet
126Kb / 3P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962 BCDSEMI-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Diodes Incorporated
AM4962 DIODES-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
BCD Semiconductor Manuf...
AM4962GH-G1 BCDSEMI-AM4962GH-G1 Datasheet
126Kb / 3P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962GH-G1 BCDSEMI-AM4962GH-G1 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
More results

Similar Description - AM4962NE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com