Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS403L Datasheet(PDF) 1 Page - Kwang Myoung I.S. CO.,LTD

Part # RS403L
Description  4 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Direct Link  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD

RS403L Datasheet(HTML) 1 Page - Kwang Myoung I.S. CO.,LTD

  RS403L Datasheet HTML 1Page - Kwang Myoung I.S. CO.,LTD RS403L Datasheet HTML 2Page - Kwang Myoung I.S. CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBL4005
THRU
KBL410
Bridge Rectifier
50 to 1000 Volts
Features
Low Leakage
Low Forward Voltage
Any Mounting Position
Silver Plated Copper Leads
Surge Overload Rating Of 200 Amps
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.728
.768
18.50
19.50
B
.600
.640
15.20
16.30
C
.750
---
19.00
---
D
.236
.256
6.00
6.50
E
.180
.220
4.60
5.60
G
------
.083
------
2.10
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
RS401L
KBL4005
50V
35V
50V
RS402L
KBL401
100V
70V
100V
RS403L
KBL402
200V
140V
200V
RS404L
KBL404
400V
280V
400V
RS405L
KBL405
600V
420V
600V
RS406L
KBL406
800V
560V
800V
RS407L
KBL410
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
4.0A
TA = 50
°C
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.1V
IFM = 3.0A;
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
1.0mA
TJ = 25
°C
TJ = 100
°C
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
A
B
C
H
G
D
E
AC
+
-
H
.048
.052
1.20
1.30
          

4 Amp Single Phase
KBL4/RS4
KI SEMICONDUCTOR
KI SEMICONDUCTOR


Similar Part No. - RS403L

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RS403L RECTRON-RS403L Datasheet
22Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere)
logo
Shenzhen Luguang Electr...
RS403L LUGUANG-RS403L Datasheet
158Kb / 2P
   Silicon Bridge Rectifiers
logo
Bytes
RS403L BYTES-RS403L Datasheet
146Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
SynSemi, Inc.
RS403L SYNSEMI-RS403L Datasheet
410Kb / 2P
   Glass Passivated Single-Phase Bridge Recitifiers
logo
Formosa MS
RS403L FORMOSA-RS403L Datasheet
30Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
More results

Similar Description - RS403L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RS401L MCC-RS401L Datasheet
86Kb / 2P
   Bridge Rectifier 50 to 1000 Volts 4 Amp Single Phase
RS401L MCC-RS401L_08 Datasheet
133Kb / 4P
   4 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
KBU6A MCC-KBU6A Datasheet
221Kb / 3P
   4 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005 MCC-MB5005 Datasheet
78Kb / 2P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005W MCC-MB5005W_13 Datasheet
152Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_10 Datasheet
199Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_16 Datasheet
417Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005W MCC-MP5005W_08 Datasheet
110Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005 Datasheet
77Kb / 2P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005 MCC-MB5005_16 Datasheet
223Kb / 3P
   50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com