Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DM74LS283 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. DM74LS283
Description  4-Bit Binary Adder with Fast Carry
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

DM74LS283 Datasheet(HTML) 4 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
Switching Characteristics
at VCC = 5V and TA = 25°C
From (Input)
RL = 2 kΩ
Symbol
Parameter
To (Output)
CL = 15 pF
CL = 50 pF
Units
MinMax
MinMax
tPLH
Propagation Delay Time
C0 to
∑1, ∑224
28
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
C0 to
∑1, ∑224
30
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
C0 to
∑324
28
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
C0 to
∑324
30
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
C0 to
∑424
28
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
C0 to
∑424
30
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Ai or Bi to ∑i
24
28
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Ai or Bi to ∑i
24
30
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
C0 to C4
17
24
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
C0 to C4
17
25
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Ai or Bi to C4
17
24
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Ai or Bi to C4
17
26
ns
HIGH-to-LOW Level Output


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74F2834-Bit Binary Full Adder with Fast Carry 1 2 3 4 5 MoreFairchild Semiconductor
SN54LS83A4-BIT BINARY FULL ADDER WITH FAST CARRY 1 2 3 Motorola, Inc
CD54AC2834-Bit Binary Full Adder with Fast Carry 1 Intersil Corporation
HD74AC2834-bit Binary Full Adder with Fast Carry 1 2 3 4 5 MoreHitachi Semiconductor
HD74HC834-Bit Binary Full Adder with Fast Carry 1 2 3 4 5 MoreHitachi Semiconductor
MM54HC2834-Bit Binary Adder with Fast Carry 1 2 3 4 5 MoreNational Semiconductor (TI)
542834-Bit Binary Full Adder with Fast Carry 1 2 3 4 5 MoreNational Semiconductor (TI)
DM74LS83A4-Bit Binary Adder with Fast Carry 1 2 3 4 5 Fairchild Semiconductor
74HC283N4-bit binary full adder with fast carry 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn