Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STM32F405OE Datasheet(PDF) 46 Page - STMicroelectronics

Part No. STM32F405OE
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS
Download  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405OE Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM32F405OE Datasheet HTML 42Page - STMicroelectronics STM32F405OE Datasheet HTML 43Page - STMicroelectronics STM32F405OE Datasheet HTML 44Page - STMicroelectronics STM32F405OE Datasheet HTML 45Page - STMicroelectronics STM32F405OE Datasheet HTML 46Page - STMicroelectronics STM32F405OE Datasheet HTML 47Page - STMicroelectronics STM32F405OE Datasheet HTML 48Page - STMicroelectronics STM32F405OE Datasheet HTML 49Page - STMicroelectronics STM32F405OE Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 185 page
background image
Pinouts and pin description
STM32F405xx, STM32F407xx
46/185
DocID022152 Rev 4
--
-
11
H3
17
PF1
I/O FT
FSMC_A1 / I2C2_SCL /
EVENTOUT
--
-
12
H2
18
PF2
I/O FT
FSMC_A2 / I2C2_SMBA /
EVENTOUT
--
-
13
J2
19
PF3
I/O FT
(4)
FSMC_A3/EVENTOUT
ADC3_IN9
--
-
14
J3
20
PF4
I/O FT
(4)
FSMC_A4/EVENTOUT
ADC3_IN14
--
-
15
K3
21
PF5
I/O FT
(4)
FSMC_A5/EVENTOUT
ADC3_IN15
-C9 10 16
G2
22
VSS
S
-B8
11 17
G3
23
VDD
S
--
-
18
K2
24
PF6
I/O FT
(4)
TIM10_CH1 /
FSMC_NIORD/
EVENTOUT
ADC3_IN4
--
-
19
K1
25
PF7
I/O FT
(4)
TIM11_CH1/FSMC_NREG
/ EVENTOUT
ADC3_IN5
--
-
20
L3
26
PF8
I/O FT
(4)
TIM13_CH1 /
FSMC_NIOWR/
EVENTOUT
ADC3_IN6
--
-
21
L2
27
PF9
I/O FT
(4)
TIM14_CH1 / FSMC_CD/
EVENTOUT
ADC3_IN7
-
-
-
22
L1
28
PF10
I/O FT
(4)
FSMC_INTR/ EVENTOUT
ADC3_IN8
5
F10 12 23
G1
29
PH0/OSC_IN
(PH0)
I/O FT
EVENTOUT
OSC_IN(4)
6F9 13 24
H1
30
PH1/OSC_OUT
(PH1)
I/O FT
EVENTOUT
OSC_OUT(4)
7 G10 14 25
J1
31
NRST
I/O
RS
T
8 E10 15 26
M2
32
PC0
I/O FT
(4)
OTG_HS_ULPI_STP/
EVENTOUT
ADC123_IN10
9
-
16 27
M3
33
PC1
I/O FT
(4)
ETH_MDC/ EVENTOUT
ADC123_IN11
10 D10 17 28
M4
34
PC2
I/O FT
(4)
SPI2_MISO /
OTG_HS_ULPI_DIR /
ETH_MII_TXD2
/I2S2ext_SD/ EVENTOUT
ADC123_IN12
Table 7. STM32F40x pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional functions


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn