Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS11012 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PS11012
Description  Patch Lead - CAT 5E
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PS11012 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PS11012 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS11012 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS11012 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Patch Lead - CAT 5E
Page <2>
06/04/12 V1.1
Cable Length
Cable and Moulding Colours
200 ±5 mm
-
500 ±5 mm
Black
1,000 ±10 mm
Blue
2,000 ±20 mm
Green
3,000 ±30 mm
Grey
4,000 ±40 mm
Pink
5,000 ±50 mm
Red
6,000 ±60 mm
Violet
7,000 ±70 mm
White
10,000 ±100 mm
Yellow
15,000 ±150 mm
-
20,000 ±200 mm
-
Part Number Table
Description
Part Number
Patch Lead, CAT 5E, 0.5 m White
PS11001
Patch Lead, CAT 5E, 1 m White
PS11002
Patch Lead, CAT 5E, 2 m White
PS11003
Patch Lead, CAT 5E, 3 m White
PS11004
Patch Lead, CAT 5E, 5 m White
PS11005
Patch Lead, CAT 5E, 10 m White
PS11006
Patch Lead, CAT 5E, 0.5 m Blue
PS11007
Patch Lead, CAT 5E, 1 m Blue
PS11008
Patch Lead, CAT 5E, 2 m Blue
PS11009
Patch Lead, CAT 5E, 3 m Blue
PS11010
Patch Lead, CAT 5E, 4 m Blue
PS11011
Patch Lead, CAT 5E, 5 m Blue
PS11012
Patch Lead, CAT 5E, 6 m Blue
PS11013
Patch Lead, CAT 5E, 7 m Blue
PS11014
Patch Lead, CAT 5E, 10 m Blue
PS11015
Patch Lead, CAT 5E, 15 m Blue
PS11016
Patch Lead, CAT 5E, 20 m Blue
PS11017
Patch Lead, CAT 5E, 0.5 m Green
PS11018
Patch Lead, CAT 5E, 1 m Green
PS11019
Patch Lead, CAT 5E, 2 m Green
PS11020
Description
Part Number
Patch Lead, CAT 5E, 3 m Green
PS11021
Patch Lead, CAT 5E, 4 m Green
PS11022
Patch Lead, CAT 5E, 5 m Green
PS11023
Patch Lead, CAT 5E, 6 m Green
PS11024
Patch Lead, CAT 5E, 7 m Green
PS11025
Patch Lead, CAT 5E, 10 m Green
PS11026
Patch Lead, CAT 5E, 15 m Green
PS11027
Patch Lead, CAT 5E, 20 m Green
PS11028
Patch Lead, CAT 5E, 0.5 m Grey
PS11029
Patch Lead, CAT 5E, 1 m Grey
PS11030
Patch Lead, CAT 5E, 2 m Grey
PS11031
Patch Lead, CAT 5E, 3 m Grey
PS11032
Patch Lead, CAT 5E, 4 m Grey
PS11033
Patch Lead, CAT 5E, 5 m Grey
PS11034
Patch Lead, CAT 5E, 6 m Grey
PS11035
Patch Lead, CAT 5E, 7 m Grey
PS11036
Patch Lead, CAT 5E, 10 m Grey
PS11037
Patch Lead, CAT 5E, 15 m Grey
PS11038
Patch Lead, CAT 5E, 20 m Grey
PS11039
Patch Lead, CAT 5E, 0.5 m Red
PS11040


Similar Part No. - PS11012

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS11012 POWEREX-PS11012 Datasheet
409Kb / 6P
   FLAT-BASE TYPE INSULATED TYPE
logo
Mitsubishi Electric Sem...
PS11012 MITSUBISHI-PS11012 Datasheet
285Kb / 6P
   Application Specific Intelligent Power Module FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PS11012

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-MCUP-80005-G-R ASSMANN-A-MCUP-80005-G-R Datasheet
45Kb / 1P
   Cat 5e UTP Patch Cable
A-MCUP-80005-R-R ASSMANN-A-MCUP-80005-R-R Datasheet
45Kb / 1P
   Cat 5e UTP Patch Cable
A-MCUP-80030-B-R ASSMANN-A-MCUP-80030-B-R Datasheet
46Kb / 1P
   Cat 5e UTP Patch Cable
A-MCUP-80030-R-R ASSMANN-A-MCUP-80030-R-R Datasheet
46Kb / 1P
   Cat 5e UTP Patch Cable
A-MCUP-80100-R ASSMANN-A-MCUP-80100-R Datasheet
46Kb / 1P
   Cat 5e UTP Patch Cable
A-MCSP-80010-R-R ASSMANN-A-MCSP-80010-R-R Datasheet
80Kb / 1P
   CAT.5E FTP PATCH CABLE
A-MCSP-80020-B-R ASSMANN-A-MCSP-80020-B-R Datasheet
62Kb / 1P
   CAT.5E FTP PATCH CABLE
A-MCSP-80030-R-R ASSMANN-A-MCSP-80030-R-R Datasheet
81Kb / 1P
   CAT.5E FTP PATCH CABLE
A-MCSP-80050-R ASSMANN-A-MCSP-80050-R Datasheet
80Kb / 1P
   CAT.5E FTP PATCH CABLE
A-MCSP-80050-R-R ASSMANN-A-MCSP-80050-R-R Datasheet
80Kb / 1P
   CAT.5E FTP PATCH CABLE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com