Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM74LS259 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # DM74LS259
Description  8-Bit Addressable Latches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS259 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  DM74LS259 Datasheet HTML 1Page - Fairchild Semiconductor DM74LS259 Datasheet HTML 2Page - Fairchild Semiconductor DM74LS259 Datasheet HTML 3Page - Fairchild Semiconductor DM74LS259 Datasheet HTML 4Page - Fairchild Semiconductor DM74LS259 Datasheet HTML 5Page - Fairchild Semiconductor DM74LS259 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
Switching Characteristics
at VCC = 5V and TA = 25°C
Symbol
Parameter
From (Input)
CL = 50 pF
Units
To (Output)
RL = 2 kΩ
Min
Max
tPLH
Propagation Delay Time
Enable to Output
38
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Enable to Output
32
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Data to Output
35
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Data to Output
30
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Select to Output
41
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Select to Output
38
ns
HIGH-to-LOW Level Output
tPHL
Propagation Delay Time
Clear to Output
36
ns
HIGH-to-LOW Level Output


Similar Part No. - DM74LS259

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74LS259M NSC-DM74LS259M Datasheet
153Kb / 6P
   8-Bit Addressable Latches
DM74LS259N NSC-DM74LS259N Datasheet
153Kb / 6P
   8-Bit Addressable Latches
DM74LS259WM NSC-DM74LS259WM Datasheet
153Kb / 6P
   8-Bit Addressable Latches
More results

Similar Description - DM74LS259

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74259 NSC-DM74259 Datasheet
166Kb / 3P
   8-Bit Addressable Latches
logo
ON Semiconductor
MC14099B ONSEMI-MC14099B Datasheet
184Kb / 8P
   8-Bit Addressable Latches
March, 2000 ??Rev. 3
logo
Texas Instruments
SNJ54HC259 TI-SNJ54HC259 Datasheet
519Kb / 16P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54259 TI1-SN54259_10 Datasheet
375Kb / 7P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54259 TI-SN54259 Datasheet
200Kb / 5P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54HC259 TI-SN54HC259_07 Datasheet
686Kb / 19P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
logo
ON Semiconductor
MC14099B ONSEMI-MC14099B_14 Datasheet
102Kb / 7P
   8-Bit Addressable Latches
August, 2014 ??Rev. 9
logo
Texas Instruments
SN54HC289 TI-SN54HC289 Datasheet
365Kb / 15P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN74ALS259DR TI-SN74ALS259DR Datasheet
642Kb / 17P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54HC259 TI-SN54HC259 Datasheet
134Kb / 9P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com