Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM4512C Datasheet(PDF) 5 Page - Analog Power

Part # AM4512C
Description  P & N-Channel 30-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4512C Datasheet(HTML) 5 Page - Analog Power

  AM4512C Datasheet HTML 1Page - Analog Power AM4512C Datasheet HTML 2Page - Analog Power AM4512C Datasheet HTML 3Page - Analog Power AM4512C Datasheet HTML 4Page - Analog Power AM4512C Datasheet HTML 5Page - Analog Power AM4512C Datasheet HTML 6Page - Analog Power AM4512C Datasheet HTML 7Page - Analog Power AM4512C Datasheet HTML 8Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
AM4512C
Analog Power
September, 2003 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM4512_N
0
10
20
30
0
12345
6
-VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -10V
-3.0V
-4.0V
-5.0V
-6.0V
0
3
6
9
12
15
11.522.533.544.5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
VDS = -5V
0.8
1
1.2
1.4
1.6
1.8
2
0
6
12
18
24
30
-ID, DRAIN CURRENT (A)
-4.5V
-6.0V
-10V
0
100
200
300
400
500
600
700
800
0
5
10
15
20
25
30
-VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
COSS
CRSS
f = 1 MHz
VGS = 0 V
0
2
4
6
8
10
02
4
6
8
10
Qg, GATE CHARGE (nC)
ID = -5.7A
-15V
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125 150
TJ Juncation Temperature (C)
VGS = 10V
ID = 5.7A
Typical Electrical Characteristics (P-Channel)
Figure 1. On-Region Characteristics
Figure 2. Body Diode Forward Voltage Variation
with Source Current and Temperature
Figure 3. On Resistance Vs Vgs Voltage
Figure 4. Capacitance Characteristics
Figure 5. Gate Charge Characteristics
Figure 6. On-Resistance Variation with Temperature


Similar Part No. - AM4512C

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
AM4512C DOINGTER-AM4512C Datasheet
3Mb / 8P
   N-Channel and P-Channel MOSFET use advanced trench Technology
logo
Analog Power
AM4512CE ANALOGPOWER-AM4512CE Datasheet
266Kb / 8P
   P & N-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM4512CE DOINGTER-AM4512CE Datasheet
2Mb / 8P
   P-Chanel and N-Channel MOSFET use advanced trench technology
More results

Similar Description - AM4512C

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4532C ANALOGPOWER-AM4532C Datasheet
410Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
AM4502CE ANALOGPOWER-AM4502CE Datasheet
319Kb / 8P
   P & N-Channel 30-V (D-S) MOSFET
logo
Leshan Radio Company
LNP4606T1G LRC-LNP4606T1G Datasheet
829Kb / 7P
   P & N-Channel 30-V (D-S) MOSFET
logo
Analog Power
AM4502C ANALOGPOWER-AM4502C Datasheet
500Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
AM4512CE ANALOGPOWER-AM4512CE Datasheet
266Kb / 8P
   P & N-Channel 30-V (D-S) MOSFET
AM7530C ANALOGPOWER-AM7530C Datasheet
109Kb / 3P
   P & N-Channel 30-V (D-S) MOSFET
AMD534CE ANALOGPOWER-AMD534CE Datasheet
191Kb / 3P
   P & N-Channel 30-V (D-S) MOSFET
AM4536C ANALOGPOWER-AM4536C Datasheet
90Kb / 3P
   P & N-Channel 30-V (D-S) MOSFET
AM3599CE ANALOGPOWER-AM3599CE Datasheet
402Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
AM3530C ANALOGPOWER-AM3530C Datasheet
565Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
AMCC530C ANALOGPOWER-AMCC530C Datasheet
475Kb / 7P
   N & P-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com