Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DM74LS240SJ Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. DM74LS240SJ
Description  Octal 3-STATE Buffer/Line Driver/Line Receiver
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

DM74LS240SJ Datasheet(HTML) 4 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
Switching Characteristics
at VCC = 5V and TA = 25°C
Symbol
Parameter
Conditions
Max
Units
tPLH
Propagation Delay Time
CL = 45 pF
DM74LS240
14
ns
LOW-to-HIGH Level Output
RL = 667Ω
DM74LS241
18
tPHL
Propagation Delay Time
CL = 45 pF
DM74LS240
18
ns
HIGH-to-LOW Level Output
RL = 667Ω
DM74LS241
18
tPZL
Output Enable Time
CL = 45 pF
DM74LS240
30
ns
to LOW Level
RL = 667Ω
DM74LS241
30
tPZH
Output Enable Time
CL = 45 pF
DM74LS240
23
ns
to HIGH Level
RL = 667Ω
DM74LS241
23
tPLZ
Output Disable Time
CL = 5 pF
DM74LS240
25
ns
from LOW Level
RL = 667Ω
DM74LS241
25
tPHZ
Output Disable Time
CL = 5 pF
DM74LS240
18
ns
from HIGH Level
RL = 667Ω
DM74LS241
18
tPLH
Propagation Delay Time
CL = 150 pF
DM74LS240
18
ns
LOW-to-HIGH Level Output
RL = 667Ω
DM74LS241
21
tPHL
Propagation Delay Time
CL = 150 pF
DM74LS240
22
ns
HIGH-to-LOW Level Output
RL = 667Ω
DM74LS241
22
tPZL
Output Enable Time
CL = 150 pF
DM74LS240
33
ns
to LOW Level
RL = 667Ω
DM74LS241
33
tPZH
Output Enable Time
CL = 150 pF
DM74LS240
26
ns
to HIGH Level
RL = 667Ω
DM74LS241
26


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn