Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM4472N Datasheet(PDF) 1 Page - Analog Power

Part # AM4472N
Description  N-Channel 200-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4472N Datasheet(HTML) 1 Page - Analog Power

  AM4472N Datasheet HTML 1Page - Analog Power AM4472N Datasheet HTML 2Page - Analog Power AM4472N Datasheet HTML 3Page - Analog Power AM4472N Datasheet HTML 4Page - Analog Power AM4472N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM4472N
N-Channel 200-V (D-S) MOSFET
VDS (V)
ID(A)
5.1
4.8
Symbol
Limit
Units
VDS
200
VGS
±20
TA=25°C
5.1
TA=70°C
4.3
IDM
20
IS
4.8
A
TA=25°C
3.1
TA=70°C
2.2
TJ, Tstg
-55 to 150
°C
Symbol
Maximum
Units
40
80
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Pulsed Drain Current
b
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Continuous Drain Current
a
ID
A
PRODUCT SUMMARY
200
rDS(on) (mΩ)
80 @ VGS = 10V
90 @ VGS = 5.5V
Gate-Source Voltage
Continuous Source Current (Diode Conduction)
a
Power Dissipation
a
PD
W
Operating Junction and Storage Temperature Range
THERMAL RESISTANCE RATINGS
Maximum Junction-to-Ambient
a
t <= 10 sec
RθJA
°C/W
Steady State
Parameter
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
© Preliminary
1
Publication Order Number:
DS_AM4472N_1A


Similar Part No. - AM4472N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM447 ETC-AM447 Datasheet
89Kb / 6P
   High Precision Instrumentation Amplifier
logo
Analog Power
AM4470N ANALOGPOWER-AM4470N Datasheet
380Kb / 6P
   N-Channel 200-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM4470N-T1-PF VBSEMI-AM4470N-T1-PF Datasheet
999Kb / 7P
   N-Channel 200 V (D-S) MOSFET
More results

Similar Description - AM4472N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SISS98DN VISHAY-SISS98DN Datasheet
345Kb / 9P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 23-May-16
logo
Analog Power
AM90N20-40P ANALOGPOWER-AM90N20-40P Datasheet
313Kb / 5P
   N-Channel 200-V (D-S) MOSFET
AM90N20-78B ANALOGPOWER-AM90N20-78B Datasheet
361Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SIR690DP VISHAY-SIR690DP Datasheet
371Kb / 13P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 04-Jul-16
logo
Analog Power
AMR402N ANALOGPOWER-AMR402N Datasheet
417Kb / 5P
   N-Channel 200-V (D-S) MOSFET
AM30N20-78D ANALOGPOWER-AM30N20-78D Datasheet
332Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SI4418DY VISHAY-SI4418DY Datasheet
69Kb / 5P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 24-Nov-03
logo
Analog Power
AM7202N ANALOGPOWER-AM7202N Datasheet
366Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SUM36N20-54P VISHAY-SUM36N20-54P Datasheet
125Kb / 6P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 14-Apr-08
logo
VBsemi Electronics Co.,...
VBMB1203M VBSEMI-VBMB1203M Datasheet
1Mb / 8P
   N-Channel 200 V (D-S) MOSFET
IRF630MFP VBSEMI-IRF630MFP Datasheet
3Mb / 8P
   N-Channel 200 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com