Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM4432N Datasheet(PDF) 3 Page - Analog Power

Part # AM4432N
Description  N-Channel 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4432N Datasheet(HTML) 3 Page - Analog Power

  AM4432N Datasheet HTML 1Page - Analog Power AM4432N Datasheet HTML 2Page - Analog Power AM4432N Datasheet HTML 3Page - Analog Power AM4432N Datasheet HTML 4Page - Analog Power AM4432N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Analog Power
AM4432N
1. On-Resistance vs. Drain Current
2. Transfer Characteristics
3. On-Resistance vs. Gate-to-Source Voltage
4. Drain-to-Source Forward Voltage
5. Output Characteristics
6. Capacitance
Typical Electrical Characteristics
0
0.01
0.02
0.03
0.04
0
5
10
15
ID-Drain Current (A)
2V,2.5V,3V,3.5V,4V,4.5V,6V
1.8V
1.5V
0
5
10
15
0
0.05
0.1
0.15
0.2
0.25
VDS - Drain-to-Source Voltage (V)
6V,4.5V,4V,3.5V,3V,2.5V,2V
1.5V
1.8V
0
0.01
0.02
0.03
0.04
0.05
0
2
4
6
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
TJ = 25°C
0
4
8
12
16
20
0
1
2
3
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD - Source-to-Drain Voltage (V)
TJ = 25°C
0
1000
2000
3000
4000
0
5
10
15
20
VDS-Drain-to-Source Voltage (V)
Ciss
Coss
Crss
F = 1MHz
ID = 11A
© Preliminary
3
Publication Order Number:
DS_AM4432N_1A


Similar Part No. - AM4432N

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4430N ANALOGPOWER-AM4430N Datasheet
165Kb / 3P
   N-Channel 30-V (D-S) MOSFET
AM4431P ANALOGPOWER-AM4431P Datasheet
368Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM4433P DOINGTER-AM4433P Datasheet
1Mb / 4P
   P-Channel MOSFET uses advanced trench technology
logo
Analog Power
AM4434N ANALOGPOWER-AM4434N Datasheet
165Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
AiT Semiconductor Inc.
AM4435 AITSEMI-AM4435 Datasheet
664Kb / 9P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
More results

Similar Description - AM4432N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com