Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM74LS175SJ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # DM74LS175SJ
Description  Hex/Quad D-Type Flip-Flops with Clear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS175SJ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  DM74LS175SJ Datasheet HTML 1Page - Fairchild Semiconductor DM74LS175SJ Datasheet HTML 2Page - Fairchild Semiconductor DM74LS175SJ Datasheet HTML 3Page - Fairchild Semiconductor DM74LS175SJ Datasheet HTML 4Page - Fairchild Semiconductor DM74LS175SJ Datasheet HTML 5Page - Fairchild Semiconductor DM74LS175SJ Datasheet HTML 6Page - Fairchild Semiconductor DM74LS175SJ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006404
www.fairchildsemi.com
August 1992
Revised April 2000
DM74LS174 • DM74LS175
Hex/Quad D-Type Flip-Flops with Clear
General Description
These positive-edge-triggered flip-flops utilize TTL circuitry
to implement D-type flip-flop logic. All have a direct clear
input, and the quad (175) versions feature complementary
outputs from each flip-flop.
Information at the D inputs meeting the setup time require-
ments is transferred to the Q outputs on the positive-going
edge of the clock pulse. Clock triggering occurs at a partic-
ular voltage level and is not directly related to the transition
time of the positive-going pulse. When the clock input is at
either the HIGH or LOW level, the D input signal has no
effect at the output.
Features
s DM74LS174 contains six flip-flops with single-rail
outputs
s DM74LS175 contains four flip-flops with double-rail
outputs
s Buffered clock and direct clear inputs
s Individual data input to each flip-flop
s Applications include:
Buffer/storage registers
Shift registers
Pattern generators
s Typical clock frequency 40 MHz
s Typical power dissipation per flip-flop 14 mW
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
DM74LS174
DM74LS175
Order Number
Package Number
Package Description
DM74LS174M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74LS174SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
DM74LS174N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
DM74LS175M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74LS175SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
DM74LS175N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


Similar Part No. - DM74LS175SJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74LS175 NSC-DM74LS175 Datasheet
174Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
Texas Instruments
DM74LS175 TI1-DM74LS175 Datasheet
424Kb / 10P
[Old version datasheet]   These positive-edge-triggered flip-flops utilize TTL circuitry to implement D-type flip-flop logic
logo
National Semiconductor ...
DM74LS175M NSC-DM74LS175M Datasheet
174Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
Texas Instruments
DM74LS175M TI1-DM74LS175M Datasheet
424Kb / 10P
[Old version datasheet]   These positive-edge-triggered flip-flops utilize TTL circuitry to implement D-type flip-flop logic
logo
National Semiconductor ...
DM74LS175N NSC-DM74LS175N Datasheet
174Kb / 8P
   Hex/Quad D Flip-Flops with Clear
More results

Similar Description - DM74LS175SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS174 FAIRCHILD-DM74ALS174_07 Datasheet
331Kb / 9P
   Hex/Quad D-Type Flip-Flops with Clear
DM74ALS174 FAIRCHILD-DM74ALS174 Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
logo
National Semiconductor ...
54LS174 NSC-54LS174 Datasheet
174Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
Fairchild Semiconductor
DM74175 FAIRCHILD-DM74175 Datasheet
308Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
National Semiconductor ...
54174 NSC-54174 Datasheet
150Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
Texas Instruments
SN54LV174A TI-SN54LV174A Datasheet
146Kb / 7P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74HC174 HITACHI-HD74HC174 Datasheet
51Kb / 9P
   Hex D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54AHC174 TI-SN54AHC174_07 Datasheet
584Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHCT174 TI1-SN54AHCT174_15 Datasheet
775Kb / 17P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC174 FAIRCHILD-MM74HC174 Datasheet
72Kb / 7P
   Hex D-Type Flip-Flops with Clear
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com