Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SP001116098 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part No. SP001116098
Description  Most integrated and sophisticated Time-of-Flight (ToF) imager available on the market.
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

SP001116098 Datasheet(HTML) 2 Page - Infineon Technologies AG

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Brief
Published by
Infineon Technologies AG
85579 Neubiberg, Germany
© 2013 Infineon Technologies AG.
All Rights Reserved.
Visit us:
www.infineon.com
Order Number: B142-H9770-G1-X-7600
Date: 05 / 2013
ATTenTIon pleASe!
The information given in this document shall in no event
be regarded as a guarantee of conditions or characteristics
(“Beschaffenheitsgarantie”). With respect to any examples
or hints given herein, any typical values stated herein and/
or any information regarding the application of the device,
Infineon Technologies hereby disclaims any and all warran-
ties and liabilities of any kind, including without limita-
tion warranties of non-infringement of intellectual property
rights of any third party.
InFoRmATIon
For further information on technology, delivery terms and
conditions and prices please contact your nearest Infineon
Technologies Office (www.infineon.com).
WARnIngS
Due to technical requirements components may contain
dangerous substances. For information on the types in
question please contact your nearest Infineon Technologies
Office. Infineon Technologies Components may only be
used in life-support devices or systems with the express
written approval of Infineon Technologies, if a failure of
such components can reasonably be expected to cause
the failure of that life-support device or system, or to affect
the safety or effectiveness of that device or system. Life
support devices or systems are intended to be implanted
in the human body, or to support and/or maintain and
sustain and/or protect human life. If they fail, it is reason-
able to assume that the health of the user or other persons
may be endangered.
Touchless natural User Interface
The IRS10x0C is the perfect 3D image sensor for depth
cameras designed for air-gesture recognition. The low-
noise depth data fundamentally simplifies the detection of
objects, resulting in lowest latency and highest robustness,
which are the key factors for the excellent user experience.
CamBoard pico
The CamBoard pico is the world’s smallest 3D camera reference design available today. Designed around the IRS1010C, its
extremely small form factor demonstrates the integration of ToF cameras into stylish All-in-One PCs and notebooks.
Strong System partner network
The partnership between pmdtechnologies and Infineon is completed by a network of third party companies offering gesture
detection middleware, optical components, LEDs and laser, USB bridges and more.
product Variants
Sales Name
Resolution
Package
Ordering Code
IRS1010C
QQVGA (160 x 120 pixel)
Bare die
SP001115718
IRS1020C
CIF
(352 x 288 pixel)
Bare die
SP001116098
Applications
„
„
Finger and hand tracking for air-gesture recognition in
touchless user interfaces
– All-in-One PCs
– Laptops
– Set-Top-Boxes
„
„
Multiple person finger-, hand- and body-tracking for
gaming applications
„
„
Automotive in-car gesture control
„
„
Industrial object tracking and surveillance applications
Product Features
CamBoard pico 70.19k
Lateral resolution
QQVGA (160 x 120 px)
Depth resolution
<
4mm @ 70cm (75% reflectivity)
Module dimensions
85 x 17 x 8 mm³
Interface
USB 2.0
Power consumption
Max. 2.5W (USB 2.0)
Measurement range
Max. 100 cm
Field of view
90° horizontal
Software
C/C++/Matlab SDK
Infineon® 3D Image Sensor
IRS10x0C


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn