Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM74LS165N Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # DM74LS165N
Description  8-Bit Parallel In/Serial Output Shift Registers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS165N Datasheet(HTML) 1 Page - Fairchild Semiconductor

  DM74LS165N Datasheet HTML 1Page - Fairchild Semiconductor DM74LS165N Datasheet HTML 2Page - Fairchild Semiconductor DM74LS165N Datasheet HTML 3Page - Fairchild Semiconductor DM74LS165N Datasheet HTML 4Page - Fairchild Semiconductor DM74LS165N Datasheet HTML 5Page - Fairchild Semiconductor DM74LS165N Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006399
www.fairchildsemi.com
August 1986
Revised March 2000
DM74LS165
8-Bit Parallel In/Serial Output Shift Registers
General Description
This device is an 8-bit serial shift register which shifts data
in the direction of QA toward QH when clocked. Parallel-in
access is made available by eight individual direct data
inputs, which are enabled by a low level at the shift/load
input. These registers also feature gated clock inputs and
complementary outputs from the eighth bit.
Clocking is accomplished through a 2-input NOR gate, per-
mitting one input to be used as a clock-inhibit function.
Holding either of the clock inputs HIGH inhibits clocking,
and holding either clock input LOW with the load input
HIGH enables the other clock input. The clock-inhibit input
should be changed to the high level only while the clock
input is HIGH. Parallel loading is inhibited as long as the
load input is HIGH. Data at the parallel inputs are loaded
directly into the register on a HIGH-to-LOW transition of the
shift/load input, regardless of the logic levels on the clock,
clock inhibit, or serial inputs.
Features
s Complementary outputs
s Direct overriding (data) inputs
s Gated clock inputs
s Parallel-to-serial data conversion
s Typical frequency 35 MHz
s Typical power dissipation 105 mW
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Function Table
H
= HIGH Level (steady state)
L
= LOW Level (steady state)
X
= Don't Care (any input, including transitions)
↑ = Transition from LOW-to-HIGH level
a...h
= The level of steady-state input at inputs A through H, respectively.
QA0, QB0, QH0 = The level of QA, QB, or QH, respectively, before the
indicated steady-state input conditions were established.
QAn, QGn = The level of QA or QG, respectively, before the most recent
↑ transition of the clock.
Order Number
Package Number
Package Description
DM74LS165M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74LS165WM
M16B
16-Lead Small Outline Intergrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
DM74LS165N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Inputs
Internal
Shift/ Clock Clock Serial Parallel Outputs Output
Load Inhibit
A...H
QA QB
QH
L
X
X
X
a...h
a
b
h
HL
L
X
X
QA0 QB0
QH0
HL
HX
H
QAn
QGn
HL
LX
L
QAn
QGn
HH
X
X
X
QA0 QB0
QH0


Similar Part No. - DM74LS165N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74LS165N NSC-DM74LS165N Datasheet
140Kb / 6P
   8-Bit Parallel In/Serial Output Shift Registers
More results

Similar Description - DM74LS165N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54LS165 NSC-DM54LS165 Datasheet
140Kb / 6P
   8-Bit Parallel In/Serial Output Shift Registers
54LS165 NSC-54LS165 Datasheet
119Kb / 4P
   8-BIT PARALLEL IN/SERIAL OUTPUT SHIFT REGISTERS
logo
Fairchild Semiconductor
DM74164 FAIRCHILD-DM74164 Datasheet
48Kb / 4P
   8-Bit Serial In/Parallel Out Shift Registers
logo
National Semiconductor ...
54LS164 NSC-54LS164 Datasheet
142Kb / 6P
   8-Bit Serial In/Parallel Out Shift Registers
logo
Hitachi Semiconductor
HD74LS164 HITACHI-HD74LS164 Datasheet
76Kb / 6P
   8-Bit Parallel-Out Serial-In Shift Registers
logo
Intersil Corporation
CD54AC164 INTERSIL-CD54AC164 Datasheet
9Kb / 1P
   8-Bit Serial-In/Parallel-Out Shift Registers
June 1997
logo
National Semiconductor ...
MM54HC166 NSC-MM54HC166 Datasheet
156Kb / 6P
   8-Bit Parallel In/Serial Out Shift Registers
logo
Texas Instruments
SN54HC164 TI-SN54HC164 Datasheet
349Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54164 TI-SN54164 Datasheet
621Kb / 15P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54LV164A TI-SN54LV164A Datasheet
464Kb / 17P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com