Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSOP-28 Datasheet(PDF) 1 Page - Analog Microelectronics

Part # SSOP-28
Description  Carrier Width (W) 16.0-0.1 mm Pitch (P) 4.0-0.1 mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

SSOP-28 Datasheet(HTML) 1 Page - Analog Microelectronics

  SSOP-28 Datasheet HTML 1Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev. A
SSOP-28
Carrier Tape, Number of Components Per Reel and Reel Size
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
SSOP-28
16.0±0.1 mm
4.0±0.1 mm
2500pcs
330±1 mm


Similar Part No. - SSOP-28

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
SSOP-28 AME-SSOP-28 Datasheet
69Kb / 1P
   A : MIN 1.35 MAX 1.75 A1 : MIN 0.10 MAX 0.25
logo
Global Mixed-mode Techn...
SSOP-28 GMT-SSOP-28 Datasheet
123Kb / 1P
   Package Outline
More results

Similar Description - SSOP-28

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
REEL-TO-252 AME-REEL-TO-252 Datasheet
47Kb / 1P
   Carrier Width (W) 16.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-SC-70-4 AME-REEL-SC-70-4 Datasheet
43Kb / 1P
   Carrier Width (W) 8.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-MSOP-8 AME-REEL-MSOP-8 Datasheet
35Kb / 1P
   Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-TO-263-2 AME-REEL-TO-263-2 Datasheet
34Kb / 1P
   Carrier Width (W) 24.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-MSOP-8PP AME-REEL-MSOP-8PP Datasheet
27Kb / 1P
   Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-MSOP-10PP AME-REEL-MSOP-10PP Datasheet
36Kb / 1P
   Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-SC-70-3 AME-REEL-SC-70-3 Datasheet
37Kb / 1P
   Carrier Width (W) 8.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-SOT-223 AME-REEL-SOT-223 Datasheet
37Kb / 1P
   Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-SOP-8 AME-REEL-SOP-8 Datasheet
36Kb / 1P
   Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-SOT-23 AME-REEL-SOT-23 Datasheet
35Kb / 1P
   Carrier Width (W) 8.0-0.1 mm Pitch (P) 4.0-0.1 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com