Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MPIC2151 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MPIC2151
Description  SELF-OSCILLATING HALF-BRIDGE DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPIC2151 Datasheet(HTML) 3 Page - Motorola, Inc

  MPIC2151 Datasheet HTML 1Page - Motorola, Inc MPIC2151 Datasheet HTML 2Page - Motorola, Inc MPIC2151 Datasheet HTML 3Page - Motorola, Inc MPIC2151 Datasheet HTML 4Page - Motorola, Inc MPIC2151 Datasheet HTML 5Page - Motorola, Inc MPIC2151 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MPIC2151
3
Motorola Power Products Division Advanced Data
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise specified)
Characteristic
Symbol
Min
Typ
Max
Unit
STATIC ELECTRICAL CHARACTERISTICS
Supply Characteristics
VBIAS (VCC, VBS) = 12 V, VSS = COM and CL = 1000 pF unless otherwise specified.
VCC Supply Undervoltage Positive Going Threshold
VCCUV+
8.4
VDC
VCC Supply Undervoltage Negative Going Threshold
VCCUV–
8.0
Quiescent VCC Supply Current
IQCC
400
µA
VCC Zener Shunt Clamp Voltage @ IOC = 5 mA
VCLAMP
15.6
VDC
Floating Supply Characteristics
Offset Supply Leakage Current @ VB = VS = 600 V
ILK
50
µADC
Quiescent VBS Supply Current
IQBS
10
Oscillator I/O Characteristics
Oscillator Frequency @ RT = 35.7 K
Ω, CT = 1 nF
fOSC
20
kHz
Oscillator Frequency @ RT = 7.04 K
Ω, CT = 1 nF
fOSC
100
CT Input Current
ICT
0.001
1.0
µA
CT Undervoltage Lockout @ 2.5 V < VCC < VCCUV+
VCTUV
0
mV
RT High Level Output Voltage, VCC – RT @ IRT = –100 µA
@ IRT = –1 mA
VRT+
VRT+
20
200
RT Low Level Output Voltage, VCC + RT @ IRT = 100 µA
@ IRT = 1 mA
VRT–
VRT–
20
200
RT Undervoltage Lockout, VCC – RT
@ 2.5 V < VCC < VCCUV+
VRTUV
0
2/3 VCC Threshold
VCT+
8.0
VDC
1/3 VCC Threshold
VCT–
4.0
Output Characteristics
High Level Output Voltage, VBIAS–VO @ IO = 0 A
VOH
100
mV
Low Level Output Voltage, VO @ IO = 0 A
VOL
100
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 12 V and CL = 1000 pF unless otherwise specified. TA = 25°C.
Turn–On Rise Time
tr
120
ns
Turn–Off Fall Time
tf
60
Deadtime, LS Turn–Off to HS Turn–On & HS Turn–Off to LS Turn–On
DT
1.2
µA
RT Duty Cycle, fOSC = 20 kHz
DC
50
%


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IR2151SELF-OSCILLATING HALF-BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IR21531SELF-OSCILLATING HALF-BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IR2152SELF-OSCILLATING HALF-BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IR2153SELF-OSCILLATING HALF-BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IR2155SELF-OSCILLATING HALF-BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IR2154SELF-OSCILLATING HALF-BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IR2153ZSELF-OSCILLATING HALF-BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IR2308HALF-BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IRS2183HALF-BRIDGE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IR51H214SELF-OSCILLATING HALF-BRIDGE 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn