Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14920 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX14920
Description  High-Accuracy 12-/16-Cell Measurement AFEs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14920 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX14920 Datasheet HTML 1Page - Maxim Integrated Products MAX14920 Datasheet HTML 2Page - Maxim Integrated Products MAX14920 Datasheet HTML 3Page - Maxim Integrated Products MAX14920 Datasheet HTML 4Page - Maxim Integrated Products MAX14920 Datasheet HTML 5Page - Maxim Integrated Products MAX14920 Datasheet HTML 6Page - Maxim Integrated Products MAX14920 Datasheet HTML 7Page - Maxim Integrated Products MAX14920 Datasheet HTML 8Page - Maxim Integrated Products MAX14920 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
Maxim Integrated
MAX14920/MAX14921
High-Accuracy 12-/16-Cell Measurement AFEs
DC ELECTRICAL CHARACTERISTICS (continued)
(VP = +65V, DGND = AGND, VL = VEN = +3.3V, VA = +5V, CSAMPLE = 1FF, TA = -40°C to +85°C, unless otherwise noted. Typical
values are at TA = +25°C.) (Note 2)
Note 2: All devices are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design.
Note 3: Where n = 1–12 (MAX14920) and n = 1–16 (MAX14921).
Note 4: Output error VO_ERR is the difference between the input cell difference voltage (VD = VCV(n) - VCV(n - 1)) and the
output voltage VAOUT. Where n = 1–12 (MAX14920) and n = 1–16 (MAX14921). Output error depends on buffer ampli-
fier errors and parasitic capacitance charge injection error. Since parasitic capacitance error is PCB dependent, output
error is guaranteed by design for a sampling capacitor of 1FF and parasitic capacitance less than 2.5pF on CTn (see the
Measurement Accuracy section for a detailed explanation).
Note 5: Buffer amplifier self-calibrates its offset at power-up and every time it is requested. Due to possible thermal drift after
power-up phase, it is suggested to run self-calibration on a regular basis to get best performance
(see the Buffer Amplifier Offset Calibration section for a detailed explanation).
Note 6: Amplifier error is the sum of all errors including amplifier offset and gain error.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Level-Shifting Delay Time
tLS_DELAY
Delay from SMPLB set to 1 or SAMPL
falling edge to shifting of all cell voltages
to ground and available for reading
25
50
F
s
AOUT Voltage-Droop Time
tDROOP
Droop to -1mV (Figure 2)
1
ms
T_ Settling Time
tTS
Measured between T_ input selection
and AOUT settling to +1mV accuracy,
CLOAD = 100pF, SC2 = 1
5
F
s
T_ Turn-On Delay Time
tTD
0.2
F
s
VP Settling Time
tVPS
Measured between VP/12 (MAX14920),
VP/16 (MAX14921) input selection and
AOUT, settling to 2.5%,
CLOAD = 100pF, SC3 = 1
25
60
F
s
Self-Calibration Time
8
ms
THERMAL DETECTION
Thermal Shutdown
+140
°C
Thermal-Shutdown Hysteresis
15
°C
SPI TIMINGS (Figure 3)
SDI to SCLK Setup
tDS
50
ns
SDI to SCLK Hold
tDH
12
ns
SCLK to SDO Valid
tDO
100
ns
CS Fall to SDO Enable
tDV
100
ns
CS Rise to SDO Disable
tTR
80
ns
CS Pulse Width
tCSW
50
ns
CS Fall to SCLK Rise Setup
tCSS
100
ns
CS Rise to SCLK Rise Hold
tCSH
0
ns
SCLK High Pulse Width
tCH
65
ns
SCLK Low Pulse Width
tCL
65
ns
SCLK Period
tCP
208
ns


Similar Part No. - MAX14920

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14920 MAXIM-MAX14920 Datasheet
805Kb / 30P
   High-Accuracy 12-/16-Cell Measurement AFEs
2014
MAX14920ECB++ MAXIM-MAX14920ECB+ Datasheet
805Kb / 30P
   High-Accuracy 12-/16-Cell Measurement AFEs
2014
MAX14920 MAXIM-MAX14920_V01 Datasheet
805Kb / 30P
   High-Accuracy 12-/16-Cell Measurement AFEs
2014
More results

Similar Description - MAX14920

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14920 MAXIM-MAX14920_V01 Datasheet
805Kb / 30P
   High-Accuracy 12-/16-Cell Measurement AFEs
2014
logo
Honeywell Accelerometer...
KGZ10 HONEYWELL-ACC-KGZ10 Datasheet
227Kb / 4P
   High-accuracy measurement
logo
TE Connectivity Ltd
MS5561C TEC-MS5561C Datasheet
492Kb / 21P
   High accuracy temperature measurement
logo
Linear Technology
LTC2983 LINER-LTC2983 Datasheet
776Kb / 72P
   Multi-Sensor High Accuracy Digital Temperature Measurement System
LTC2983 LINER-LTC2983_15 Datasheet
750Kb / 72P
   Multi-Sensor High Accuracy Digital Temperature Measurement System
logo
Analog Devices
LTM2985 AD-LTM2985 Datasheet
3Mb / 90P
   Isolated High Accuracy Digital Temperature Measurement System with EEPROM
AD5764BSUZ AD-AD5764BSUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy
Rev. F
logo
Linear Technology
LTC2984 LINER-LTC2984_15 Datasheet
809Kb / 78P
   Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
logo
Analog Devices
AD5210 AD-AD5210_15 Datasheet
7Mb / 8P
   12 BIT SUCCESSIVE APPROXIMATION HIGH ACCURACY A/D CONVERTERS
REV. A
AD5210 AD-AD5210 Datasheet
7Mb / 8P
   12 BIT SUCCESSIVE APPROXIMATION HIGH ACCURACY A/D CONVERTERS
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com