Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DM74LS109A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. DM74LS109A
Description  Dual Positive-Edge-Triggered J-K Flip-Flop with Preset, Clear, and Complementary Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

DM74LS109A Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 2)
Note 2: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Note 3: CL = 15 pF, RL = 2 kΩ, TA = 25°C and VCC = 5V.
Note 4: CL = 50 pF, RL = 2 kΩ, TA = 25°C and VCC = 5V.
Note 5: The symbol (
↑) indicates the rising edge of the clock pulse is used for reference.
Note 6: TA = 25°C and VCC = 5V.
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
fCLK
Clock Frequency (Note 3)
0
25
MHz
fCLK
Clock Frequency (Note 4)
0
20
MHz
tW
Pulse Width
Clock HIGH
18
(Note 3)
Preset LOW
15
ns
Clear LOW
15
tW
Pulse Width
Clock HIGH
25
(Note 4)
Preset LOW
20
ns
Clear LOW
20
tSU
Setup Time
Data HIGH
30
ns
(Note 3)(Note 5)
Data LOW
20
tSU
Setup Time
Data HIGH
35
ns
(Note 5)(Note 4)
Data LOW
25
tH
Hold Time (Note 6)
0
ns
TA
Free Air Operating Temperature
0
70
°C


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn