Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MPIC2130 Datasheet(PDF) 5 Page - Motorola, Inc

Part No. MPIC2130
Description  3-PHASE BRIDGE DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPIC2130 Datasheet(HTML) 5 Page - Motorola, Inc

  MPIC2130 Datasheet HTML 1Page - Motorola, Inc MPIC2130 Datasheet HTML 2Page - Motorola, Inc MPIC2130 Datasheet HTML 3Page - Motorola, Inc MPIC2130 Datasheet HTML 4Page - Motorola, Inc MPIC2130 Datasheet HTML 5Page - Motorola, Inc MPIC2130 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MPIC2130
5
Motorola Power Products Division Advanced Data
LEAD DEFINITIONS
Symbol
Lead Description
HIN1,2,3
Logic Inputs for High Side Gate Driver Outputs (HO1,2,3), Out of Phase
LIN1,2,3
Logic Inputs for Low Side Gate Driver Outputs (LO1,2,3), Out of Phase
FAULT–
Indicates Over–current, or Undervoltage Lockout (Low Side) has Occurent, Negative Logic
VCC
Logic and Low Side Fixed Supply
ITRIP
Input for Over–current Shut Down
CAO
Output of Current Amplifier
CA–
Negative Input of Current Amplifier
VSS
Logic Ground
VB1,2,3
High Side Floating Supplies
HO1,2,3
High Side Gate Drive Outputs
VS1,2,3
High Side Floating Supply Returns
LO1,2,3
Low Side Gate Drive Outputs
VSO
Low Side Return, Positive Input of Current Amplifier
Figure 1. Input / Output Timing Diagram
Figure 2. Switching Time Waveform
Definitions
Figure 3. Deadtime Waveform Definitions
LO
HO
HIN
LIN
50%
50%
50%
50%
DT
DT
HIN
LIN
ITRIP
FAULT
HO1–3
LO1–3
HIN
LIN
LO
HO
50%
50%
10%
10%
90%
90%
ton
tr
toff
tf
50%
50%
50%
50%
50%
tflt
LO2
FAULT
ITRIP
LIN2
titrip
tfltclr
Figure 4. Overcurrent Shutdown Waveform
Definitions


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SKIIP312GD120-302WT 3-phase bridge SKIIP 312 GD 120 + Driver 302 WT 1  2  3  4  5  More Semikron International
SKIIP312GDL120-404WT 3-phase bridge with brake chopper SKIIP 312 GDL 120 + Driver 404 WT 1  2  3  4  5  More Semikron International
IR2133 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IR2130 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IRS2136 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IRS2136D 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IR2130 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
IR2132 3-PHASE BRIDGE DRIVER 1  2  3  4  5  More International Rectifier
42144 RADIATION TOLERANT FULL BRIDGE POWER DRIVER HYBRID FOR 3-PHASE BRUSHLESS DC MOTORS 1  2  3  4  5  Micropac Industries
TLE6280GP 3-Phase Bridge Driver IC 1  2  3  4  5  More Infineon Technologies AG

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn