Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C550CPFB Datasheet(PDF) 9 Page - Texas Instruments

Part # TL16C550CPFB
Description  ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C550CPFB Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL16C550CPFB Datasheet HTML 5Page - Texas Instruments TL16C550CPFB Datasheet HTML 6Page - Texas Instruments TL16C550CPFB Datasheet HTML 7Page - Texas Instruments TL16C550CPFB Datasheet HTML 8Page - Texas Instruments TL16C550CPFB Datasheet HTML 9Page - Texas Instruments TL16C550CPFB Datasheet HTML 10Page - Texas Instruments TL16C550CPFB Datasheet HTML 11Page - Texas Instruments TL16C550CPFB Datasheet HTML 12Page - Texas Instruments TL16C550CPFB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
TL16C550C, TL16C550CI
ASYNCHRONOUS COMMUNICATIONS ELEMENT
WITH AUTOFLOW CONTROL
SLLS177H − MARCH 1994 − REVISED JANUARY 2006
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
standard voltage (5 V nominal) (continued)
MIN
NOM
MAX
UNIT
Junction temperature range, TJ
(see Note 6)
0
25
115
°C
Oscillator/clock speed
16
MHz
NOTE 6: These junction temperatures reflect simulated conditions. Absolute maximum junction temperature is 150
°C. The customer is
responsible for verifying junction temperature.
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
low voltage (3.3 V nominal)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH‡
High-level output voltage
IOH = − 1 mA
2.4
V
VOL‡
Low-level output voltage
IOL = 1.6 mA
0.5
V
Il
Input current
VCC = 3.6 V,
VSS = 0,
10
A
Il
Input current
VCC = 3.6 V,
VI = 0 to 3.6 V,
VSS = 0,
All other terminals floating
10
µA
VCC = 3.6 V,
VSS = 0,
IOZ
High-impedance-state output current
VCC = 3.6 V,
VSS = 0,
VO = 0 to 3.6 V,
±20
µA
IOZ
High-impedance-state output current
VO = 0 to 3.6 V,
Chip selected in write mode or chip deselect
±20
µA
VCC = 3.6 V,
TA = 25°C,
VCC = 3.6 V,
TA = 25°C,
SIN, DSR, DCD, CTS, and RI at 2 V,
ICC
Supply current
CC
A
SIN, DSR, DCD, CTS, and RI at 2 V,
All other inputs at 0.8 V,
XTAL1 at 4 MHz,
8
mA
ICC
Supply current
SIN, DSR, DCD, CTS, and RI at 2 V,
All other inputs at 0.8 V,
XTAL1 at 4 MHz,
No load on outputs,
Baud rate = 50 kbit/s
8
mA
All other inputs at 0.8 V,
XTAL1 at 4 MHz,
No load on outputs,
Baud rate = 50 kbit/s
Ci(CLK)
Clock input capacitance
V
= 0,
V
= 0,
15
20
pF
Co(CLK) Clock output capacitance
VCC = 0,
VSS = 0,
f = 1 MHz,
TA = 25°C,
20
30
pF
Ci
Input capacitance
CC
SS
f = 1 MHz,
TA = 25°C,
All other terminals grounded
6
10
pF
Co
Output capacitance
All other terminals grounded
10
20
pF
† All typical values are at VCC = 3.3 V and TA = 25°C.
‡ These parameters apply for all outputs except XOUT.
standard voltage (5 V nominal)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH‡
High-level output voltage
IOH = − 1 mA
2.4
V
VOL‡
Low-level output voltage
IOL = 1.6 mA
0.4
V
Il
Input current
VCC = 5.25 V,
VSS = 0,
10
A
Il
Input current
VCC = 5.25 V,
VI = 0 to 5.25 V,
VSS = 0,
All other terminals floating
10
µA
VCC = 5.25 V,
VSS = 0,
IOZ
High-impedance-state output current
VCC = 5.25 V,
VSS = 0,
VO = 0 to 5.25 V,
±20
µA
IOZ
High-impedance-state output current
VO = 0 to 5.25 V,
Chip selected in write mode or chip deselect
±20
µA
VCC = 5.25 V,
TA = 25°C,
VCC = 5.25 V,
TA = 25°C,
SIN, DSR, DCD, CTS, and RI at 2 V,
ICC
Supply current
CC
A
SIN, DSR, DCD, CTS, and RI at 2 V,
All other inputs at 0.8 V,
XTAL1 at 4 MHz,
10
mA
ICC
Supply current
SIN, DSR, DCD, CTS, and RI at 2 V,
All other inputs at 0.8 V,
XTAL1 at 4 MHz,
No load on outputs,
Baud rate = 50 kbit/s
10
mA
All other inputs at 0.8 V,
XTAL1 at 4 MHz,
No load on outputs,
Baud rate = 50 kbit/s
Ci(CLK)
Clock input capacitance
V
= 0,
V
= 0,
15
20
pF
Co(CLK) Clock output capacitance
VCC = 0,
VSS = 0,
f = 1 MHz,
TA = 25°C,
20
30
pF
Ci
Input capacitance
CC
SS
f = 1 MHz,
TA = 25°C,
All other terminals grounded
6
10
pF
Co
Output capacitance
All other terminals grounded
10
20
pF
† All typical values are at VCC = 5 V and TA = 25°C.
‡ These parameters apply for all outputs except XOUT.


Similar Part No. - TL16C550CPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C550C TI-TL16C550C Datasheet
554Kb / 39P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550CI TI-TL16C550CI Datasheet
554Kb / 39P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
More results

Similar Description - TL16C550CPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C550C TI-TL16C550C Datasheet
554Kb / 39P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550D TI-TL16C550D Datasheet
826Kb / 50P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550D TI-TL16C550D_09 Datasheet
1Mb / 54P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C750 TI-TL16C750 Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16PNP550A TI1-TL16PNP550A_08 Datasheet
558Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
TL16PNP550A TI-TL16PNP550A Datasheet
553Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com