Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM74LS00 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # DM74LS00
Description  Quad 2-Input NAND Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS00 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  DM74LS00 Datasheet HTML 1Page - Fairchild Semiconductor DM74LS00 Datasheet HTML 2Page - Fairchild Semiconductor DM74LS00 Datasheet HTML 3Page - Fairchild Semiconductor DM74LS00 Datasheet HTML 4Page - Fairchild Semiconductor DM74LS00 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Note 3: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Switching Characteristics
at VCC = 5V and TA = 25°C
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max,
2.7
3.4
V
Output Voltage
VIL = Max
VOL
LOW Level
VCC = Min, IOL = Max,
0.35
0.5
Output Voltage
VIH = Min
V
IOL = 4 mA, VCC = Min
0.25
0.4
II
Input Current @ Max Input Voltage
VCC = Max, VI = 7V
0.1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−0.36
mA
IOS
Short Circuit Output Current
VCC = Max (Note 3)
−20
−100
mA
ICCH
Supply Current with Outputs HIGH
VCC = Max
0.8
1.6
mA
ICCL
Supply Current with Outputs LOW
VCC = Max
2.4
4.4
mA
RL = 2 kΩ
Symbol
Parameter
CL = 15 pF
CL = 50 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
310415
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
310415
ns
HIGH-to-LOW Level Output


Similar Part No. - DM74LS00

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74LS00 NSC-DM74LS00 Datasheet
120Kb / 6P
   Quad 2-Input NAND Gates
DM74LS00E NSC-DM74LS00E Datasheet
120Kb / 6P
   Quad 2-Input NAND Gates
DM74LS00J NSC-DM74LS00J Datasheet
120Kb / 6P
   Quad 2-Input NAND Gates
DM74LS00M NSC-DM74LS00M Datasheet
120Kb / 6P
   Quad 2-Input NAND Gates
DM74LS00N NSC-DM74LS00N Datasheet
120Kb / 6P
   Quad 2-Input NAND Gates
More results

Similar Description - DM74LS00

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com