Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM30K-Z Datasheet(PDF) 1 Page - AIMTEC

Part # AM30K-Z
Description  30 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM30K-Z Datasheet(HTML) 1 Page - AIMTEC

  AM30K-Z_13 Datasheet HTML 1Page - AIMTEC AM30K-Z_13 Datasheet HTML 2Page - AIMTEC AM30K-Z_13 Datasheet HTML 3Page - AIMTEC AM30K-Z_13 Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM30K-Z
30 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.G
1 of 4
North America only
FEATURES:
 Wide Input 2:1 Range
Adjustable Output Voltage
 Full SMD Technology
Remote ON/OFF Function
 1500 VDC Isolation
Over Current, Voltage, & Temperature Protection
 Efficiency up to 91%
Soft Start
Models: Single output
Model
Input –
Voltage (V)
Output
Voltage
(V)
Output Current
max (A)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM30K-1203SZ
9-18
3.3
5.5
1500
15000
83
AM30K-1205SZ
9-18
5
5.0
1500
10000
86
AM30K-1212SZ
9-18
12
2.5
1500
2200
90
AM30K-1215SZ
9-18
15
2.0
1500
1000
90
AM30K-2403SZ
18-36
3.3
5.5
1500
15000
84
AM30K-2405SZ
18-36
5
5.0
1500
10000
87
AM30K-2412SZ
18-36
12
2.5
1500
2200
91
AM30K-2415SZ
18-36
15
2.0
1500
1000
91
AM30K-4803SZ
36-75
3.3
5.5
1500
15000
84
AM30K-4805SZ
36-75
5
5.0
1500
10000
87
AM30K-4812SZ
36-75
12
2.5
1500
2200
91
AM30K-4815SZ
36-75
15
2.0
1500
1000
91
Add suffix “-K” for optional heat sink
Models: Dual output
Model
Input –
Voltage (V)
Output
Voltage
(V)
Output Current
max (A)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM30K-1212DZ
9-18
±12
±1.25
1500
±1000
90
AM30K-1215DZ
9-18
±15
±1.0
1500
±680
90
AM30K-2412DZ
18-36
±12
±1.25
1500
±1000
91
AM30K-2415DZ
18-36
±15
±1.0
1500
±680
91
AM30K-4812DZ
36-75
±12
±1.25
1500
±1000
90
AM30K-4815DZ
36-75
±15
±1.0
1500
±680
90
Add suffix “-K” for optional heat sink
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Input Specifications
Nominal
Typical
Maximum
Units
Voltage range
12
9-18
VDC
24
18-36
48
36-75
Filter
π(Pi) Network
Start up time
20
ms
Absolute Maximum Rated Input
Voltage
12
25
VDC
24
50
48
100
Peak Input Voltage time
100
ms
On/Off Control
ON – high or open (2.5V TO 5.5V); OFF – low (-0.7V to 0.8V or short circuit between pin 2 & 3)
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1500
VDC
Resistance
1000
MOhm
Capacitance
1200
pF


Similar Part No. - AM30K-Z_13

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30K-Z AIMTEC-AM30K-Z_16 Datasheet
400Kb / 4P
   30 Watt | DC-DC Converter
More results

Similar Description - AM30K-Z_13

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30K-Z AIMTEC-AM30K-Z_16 Datasheet
400Kb / 4P
   30 Watt | DC-DC Converter
AM30K-NZ AIMTEC-AM30K-NZ Datasheet
373Kb / 3P
   30 Watt | DC-DC Converter
AM30K-IZ AIMTEC-AM30K-IZ_13 Datasheet
382Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-IZ AIMTEC-AM30KW-IZ_13 Datasheet
496Kb / 5P
   30 Watt | DC-DC Converter
AM30EW-Z AIMTEC-AM30EW-Z Datasheet
464Kb / 6P
   30 Watt | DC-DC Converter
AM30K-Z AIMTEC-AM30K-Z Datasheet
445Kb / 4P
   30 Watt | DC-DC Converter
AM30K-NZ AIMTEC-AM30K-NZ_16 Datasheet
154Kb / 3P
   30 Watt | DC-DC Converter
AM30EW-Z AIMTEC-AM30EW-Z_16 Datasheet
367Kb / 7P
   30 Watt | DC-DC Converter
AM30KW-I-Z AIMTEC-AM30KW-I-Z_16 Datasheet
500Kb / 5P
   30 Watt | DC-DC Converter
AM30K-IZ AIMTEC-AM30K-IZ Datasheet
512Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-IZ AIMTEC-AM30KW-IZ Datasheet
456Kb / 5P
   30 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com