Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM317MQDCYRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM317MQDCYRG4
Description  3-TERMINAL ADJUSTABLE REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317MQDCYRG4 Datasheet(HTML) 2 Page - Texas Instruments

  LM317MQDCYRG4 Datasheet HTML 1Page - Texas Instruments LM317MQDCYRG4 Datasheet HTML 2Page - Texas Instruments LM317MQDCYRG4 Datasheet HTML 3Page - Texas Instruments LM317MQDCYRG4 Datasheet HTML 4Page - Texas Instruments LM317MQDCYRG4 Datasheet HTML 5Page - Texas Instruments LM317MQDCYRG4 Datasheet HTML 6Page - Texas Instruments LM317MQDCYRG4 Datasheet HTML 7Page - Texas Instruments LM317MQDCYRG4 Datasheet HTML 8Page - Texas Instruments LM317MQDCYRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Package Thermal Data
(1)
Recommended Operating Conditions
Electrical Characteristics
LM317M
3-TERMINAL ADJUSTABLE REGULATOR
SLVS297O – APRIL 2000 – REVISED JULY 2006
over operating temperature range (unless otherwise noted)
MIN
MAX
UNIT
VI – VO
Input-to-output differential voltage
40
V
TJ
Operating virtual junction temperature
150
°C
Lead temperature (within 5 mils of the plastic body for 10 s)
KTP, DCY packages
260
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE
BOARD
θ
JC
θ
JCB
θ
JA
PowerFLEX (KTP)
High K, JESD 51-5
3
°C/W
28
°C/W
SOT-223 (DCY)
High K, JESD 51-7
30.6
°C/W
53
°C/W
TO-252 (KVU)
High K, JESD 51-5
30.3
°C/W
(1)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
MIN
MAX
UNIT
VI – VO
Input-to-output voltage differential
37
V
IO
Output current
0.5
A
No suffix
0
125
TJ
Operating virtual junction temperature
°C
Q suffix
–40
125
over recommended operating virtual-junction temperature range, V
I – VO = 5 V, IO = 0.1 A (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
TJ = 25°C
0.01
0.04
Line regulation(2)
VI – VO = 3 V to 40 V
%/V
Full temperature range
0.02
0.07
TJ = 25°C
0.1
0.5
Load regulation
IO = 10 mA to 500 mA
%VO
Full temperature range
0.3
1.5
ADJUST terminal current
50
100
µA
Change in ADJUST terminal current
VI – VO = 3 V to 40 V,
IO = 10 mA to 500 mA
0.2
5
µA
Reference voltage
VI – VO = 3 V to 40 V,
IO = 10 mA to 500 mA
1.2
1.25
1.3
V
Output-voltage temperature stability
0.7
%
Minimum load current
3.5
10
mA
to maintain regulation
VI – VO ≤ 15 V
500
900
Maximum output current
mA
VI – VO = 40 V, PD ≤ PD(max),
TJ = 25°C
150
250
RMS output noise voltage (% of VO)
f = 10 Hz to 10 kHz,
TJ = 25°C
0.003
%VO
CADJ = 0(3)
65
VO = 10 V, f = 120 Hz,
Ripple rejection
dB
TJ = 25°C
CADJ = 10 µF(3)
66
80
Long-term stability
TJ = 25°C
0.3
1
%/1k hrs
(1)
Pulse-testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible.
(2)
Line voltage regulation is expressed here as the percentage change in output voltage per 1-V change at the input.
(3)
CADJ is connected between the ADJUST terminal and ground.
2
Submit Documentation Feedback


Similar Part No. - LM317MQDCYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
937Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Regulator
More results

Similar Description - LM317MQDCYRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com