Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83640TVV Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # DP83640TVV
Description  DP83640 Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83640TVV Datasheet(HTML) 49 Page - Texas Instruments

Back Button DP83640TVV Datasheet HTML 45Page - Texas Instruments DP83640TVV Datasheet HTML 46Page - Texas Instruments DP83640TVV Datasheet HTML 47Page - Texas Instruments DP83640TVV Datasheet HTML 48Page - Texas Instruments DP83640TVV Datasheet HTML 49Page - Texas Instruments DP83640TVV Datasheet HTML 50Page - Texas Instruments DP83640TVV Datasheet HTML 51Page - Texas Instruments DP83640TVV Datasheet HTML 52Page - Texas Instruments DP83640TVV Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 136 page
background image
DP83640
www.ti.com
SNOSAY8E – SEPTEMBER 2007 – REVISED APRIL 2013
5.10.2.1 Link Quality Monitor Control and Status
Control of the Link Quality Monitor is done through the Link Quality Monitor Register (LQMR), address
1Dh and the Link Quality Data Register (LQDR), address 1Bh of the Link Diagnostics Registers - Page 2.
The LQMR register includes a global enable to enable the Link Quality Monitor function. In addition, it
provides warning status from both high and low thresholds for each of the monitored parameters except
SNR Variance.. The LQMR2 register provides warning status for the high threshold of SNR Variance
(upper 16 bits); there is no low threshold. Note that individual low or high parameter threshold
comparisons can be disabled by setting to the minimum or maximum values.
To allow the Link Quality Monitor to interrupt the system, the Interrupt must be enabled through the
interrupt control registers, MICR (11h) and MISR (12h).
The Link Quality Monitor may also be used to automatically reset the DSP and restart adaption. Separate
enable bits in LQMR and LQMR2 allow for automatic reset based on each of the parameter values. If
enabled, a violation of one of the thresholds will result in a restart of the DSP adaption. In addition if the
PCSR:SD_OPTION register bit is set to 0, the violation will also result in a drop in Link Status.
5.10.2.2 Checking Current Parameter Values
Prior to setting Threshold values, it is recommended that software check current adapted values. The
thresholds may then be set relative to the adapted values. The current adapted values can be read using
the LQDR register by setting the SAMPLE_PARAM bit [13] of LQDR, address (1Eh).
For example, to read the DBLW current value:
1. Write 2400h to LQDR (1Eh) to set the SAMPLE_PARAM bit and set the LQ_PARAM_SEL[2:0] to 010.
2. Read LQDR (1Eh). Current DBLW value is returned in the low 8 bits.
5.10.2.3 Threshold Control
The LQDR (1Eh) register also provides a method of programming high and low thresholds for each of the
five parameters that can be monitored. The register implements an indirect read/write mechanism.
Writes are accomplished by writing data, address, and a write strobe to the register. Reads are
accomplished by writing the address to the register, and reading back the value of the selected threshold.
Setting thresholds to the maximum or minimum values will disable the threshold comparison since values
have to exceed the threshold to generate a warning condition.
Warnings are not generated if the parameter is equal to the threshold. By default, all thresholds are
disabled by setting to the minimum or maximum values. The Table 5-4 shows the five parameters and
range of values:
Table 5-4. Link Quality Monitor Parameter Ranges
Parameter
Minimum Value
Maximum Value
Min (2-s comp)
Max (2-s comp)
DEQ_C1
-128
+127
0x80
0x7F
DAGC
0
+255
0x00
0xFF
DBLW
-128
+127
0x80
0x7F
Frequency Offset
-128
+127
0x80
0x7F
Frequency Control
-128
+127
0x80
0x7F
SNR Variance
0
+2304
0x0000
0x900
Note that values are signed 2-s complement values except for DAGC and Variance which are always
positive. The maximum SNR Variance is calculated by assuming the worst-case squared error (144) is
accumulated every 8 ns for 8*220 ns (roughly 8 ms or exactly 1,048,576 clock cycles).
For example, to set the DBLW Low threshold to -38:
1. Write 14DAh to LQDR to set the Write_LQ_Thr bit, select the DBLW Low Threshold, and write data of
-38 (0xDA).
Copyright © 2007–2013, Texas Instruments Incorporated
Configuration
49
Submit Documentation Feedback
Product Folder Links: DP83640


Similar Part No. - DP83640TVV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83640TVV TI1-DP83640TVV Datasheet
1Mb / 137P
[Old version datasheet]   DP83640 Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
DP83640TVV/NOPB TI1-DP83640TVV/NOPB Datasheet
1Mb / 137P
[Old version datasheet]   DP83640 Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
DP83640TVVX TI1-DP83640TVVX Datasheet
1Mb / 137P
[Old version datasheet]   DP83640 Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
DP83640TVVX/NOPB TI1-DP83640TVVX/NOPB Datasheet
1Mb / 137P
[Old version datasheet]   DP83640 Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
More results

Similar Description - DP83640TVV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83640TVVX TI1-DP83640TVVX Datasheet
1Mb / 137P
[Old version datasheet]   DP83640 Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
logo
National Semiconductor ...
DP83640 NSC-DP83640 Datasheet
2Mb / 114P
   Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
logo
Texas Instruments
DP83630SQE TI1-DP83630SQE Datasheet
1Mb / 135P
[Old version datasheet]   DP83630 Precision PHYTER??- IEEE 1588 Precision Time Protocol Transceiver
DP83640 TI1-DP83640_14 Datasheet
1Mb / 129P
[Old version datasheet]   Precision PHYTER - IEEE짰 1588 Precision Time Protocol Transceiver
logo
National Semiconductor ...
DP83640 NSC-DP83640_08 Datasheet
2Mb / 124P
   Precision PHYTER - IEEE짰 1588 Precision Time Protocol Transceiver
logo
Texas Instruments
DP83630 TI1-DP83630 Datasheet
1Mb / 128P
[Old version datasheet]   DP83630 Precision PHYTER - IEEE짰 1588 Precision Time Protocol Transceiver
logo
Micrel Semiconductor
KSZ8463ML MICREL-KSZ8463ML Datasheet
3Mb / 259P
   IEEE 1588 Precision Time Protocol-Enabled, Three-Port, 10/100-Managed Switch with MII or RMII
KSZ8463RL MICREL-KSZ8463RL Datasheet
3Mb / 259P
   IEEE 1588 Precision Time Protocol- Enabled, Three-Port, 10/100-Managed Switch with MII or RMII
KSZ8462HL MICREL-KSZ8462HL Datasheet
3Mb / 279P
   IEEE 1588 Precision Time Protocol-Enabled Two-Port 10/100Mb/s Ethernet Switch with 8 or 16 Bit Host Interface
logo
Renesas Technology Corp
8A34012 RENESAS-8A34012 Datasheet
2Mb / 104P
   Port Synchronizer for IEEE 1588 Frequency and Time/Phase
November 30, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com