Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83640TVV Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # DP83640TVV
Description  DP83640 Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83640TVV Datasheet(HTML) 31 Page - Texas Instruments

Back Button DP83640TVV Datasheet HTML 27Page - Texas Instruments DP83640TVV Datasheet HTML 28Page - Texas Instruments DP83640TVV Datasheet HTML 29Page - Texas Instruments DP83640TVV Datasheet HTML 30Page - Texas Instruments DP83640TVV Datasheet HTML 31Page - Texas Instruments DP83640TVV Datasheet HTML 32Page - Texas Instruments DP83640TVV Datasheet HTML 33Page - Texas Instruments DP83640TVV Datasheet HTML 34Page - Texas Instruments DP83640TVV Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 136 page
background image
PMD Input
Pair
SD+ internal
T2.21.1
T2.21.2
T.2.20.2
T2.20.1
Fast Link
Pulse(s)
T2.20.1
T2.20.3
clock
pulse
data
pulse
clock
pulse
FLP Burst
FLP Burst
T2.20.5
T2.20.4
PMD
Output Pair
DP83640
www.ti.com
SNOSAY8E – SEPTEMBER 2007 – REVISED APRIL 2013
4.24 AC Specifications — Auto-Negotiation Fast Link Pulse (FLP) Timing
Parameter
Description
Notes
Min
Typ(1)
Max
Units
T2.20.1
Clock, Data Pulse Width
100
ns
T2.20.2
Clock Pulse to Clock Pulse
125
µs
Period
T2.20.3
Clock Pulse to Data Pulse
Data = 1
62
µs
Period
T2.20.4
Burst Width
2
ms
T2.20.5
FLP Burst to FLP Burst Period
16
ms
(1)
These specifications represent transmit timings
Figure 4-20. Auto-Negotiation Fast Link Pulse (FLP) Timing
4.25 AC Specifications — 100BASE-TX Signal Detect Timing
Parameter
Description(1)
Notes
Min
Typ
Max
Units
T2.21.1
SD Internal Turn-on Time
1
ms
T2.21.2
SD Internal Turn-off Time
Default operation
250
300
µs
Fast link-loss indication
1.3
µs
enabled(2)
(1)
The signal amplitude on PMD Input Pair must be TP-PMD compliant.
(2)
Fast Link-loss detect is enabled by setting the SD_CNFG[8] register bit to a 1.
Figure 4-21. 100BASE-TX Signal Detect Timing
Copyright © 2007–2013, Texas Instruments Incorporated
Electrical Specifications
31
Submit Documentation Feedback
Product Folder Links: DP83640


Similar Part No. - DP83640TVV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83640TVV TI1-DP83640TVV Datasheet
1Mb / 137P
[Old version datasheet]   DP83640 Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
DP83640TVV/NOPB TI1-DP83640TVV/NOPB Datasheet
1Mb / 137P
[Old version datasheet]   DP83640 Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
DP83640TVVX TI1-DP83640TVVX Datasheet
1Mb / 137P
[Old version datasheet]   DP83640 Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
DP83640TVVX/NOPB TI1-DP83640TVVX/NOPB Datasheet
1Mb / 137P
[Old version datasheet]   DP83640 Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
More results

Similar Description - DP83640TVV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83640TVVX TI1-DP83640TVVX Datasheet
1Mb / 137P
[Old version datasheet]   DP83640 Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
logo
National Semiconductor ...
DP83640 NSC-DP83640 Datasheet
2Mb / 114P
   Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
logo
Texas Instruments
DP83630SQE TI1-DP83630SQE Datasheet
1Mb / 135P
[Old version datasheet]   DP83630 Precision PHYTER??- IEEE 1588 Precision Time Protocol Transceiver
DP83640 TI1-DP83640_14 Datasheet
1Mb / 129P
[Old version datasheet]   Precision PHYTER - IEEE짰 1588 Precision Time Protocol Transceiver
logo
National Semiconductor ...
DP83640 NSC-DP83640_08 Datasheet
2Mb / 124P
   Precision PHYTER - IEEE짰 1588 Precision Time Protocol Transceiver
logo
Texas Instruments
DP83630 TI1-DP83630 Datasheet
1Mb / 128P
[Old version datasheet]   DP83630 Precision PHYTER - IEEE짰 1588 Precision Time Protocol Transceiver
logo
Micrel Semiconductor
KSZ8463ML MICREL-KSZ8463ML Datasheet
3Mb / 259P
   IEEE 1588 Precision Time Protocol-Enabled, Three-Port, 10/100-Managed Switch with MII or RMII
KSZ8463RL MICREL-KSZ8463RL Datasheet
3Mb / 259P
   IEEE 1588 Precision Time Protocol- Enabled, Three-Port, 10/100-Managed Switch with MII or RMII
KSZ8462HL MICREL-KSZ8462HL Datasheet
3Mb / 279P
   IEEE 1588 Precision Time Protocol-Enabled Two-Port 10/100Mb/s Ethernet Switch with 8 or 16 Bit Host Interface
logo
Renesas Technology Corp
8A34012 RENESAS-8A34012 Datasheet
2Mb / 104P
   Port Synchronizer for IEEE 1588 Frequency and Time/Phase
November 30, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com