Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83640TVV Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DP83640TVV
Description  DP83640 Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83640TVV Datasheet(HTML) 25 Page - Texas Instruments

Back Button DP83640TVV Datasheet HTML 21Page - Texas Instruments DP83640TVV Datasheet HTML 22Page - Texas Instruments DP83640TVV Datasheet HTML 23Page - Texas Instruments DP83640TVV Datasheet HTML 24Page - Texas Instruments DP83640TVV Datasheet HTML 25Page - Texas Instruments DP83640TVV Datasheet HTML 26Page - Texas Instruments DP83640TVV Datasheet HTML 27Page - Texas Instruments DP83640TVV Datasheet HTML 28Page - Texas Instruments DP83640TVV Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 136 page
background image
10%
90%
+1 rise
+1 fall
-1 fall
-1 rise
90%
10%
T2.8.1
T2.8.1
T2.8.1
T2.8.1
PMD Output Pair
T2.8.2
PMD Output Pair
eye pattern
T2.8.2
TX_CLK
TX_EN
TXD[3:0]
PMD Output
Pair
IDLE
DATA
(J/K)
T2.7.1
DP83640
www.ti.com
SNOSAY8E – SEPTEMBER 2007 – REVISED APRIL 2013
4.11 AC Specifications — 100BASE-TX and 100BASE-FX MII Transmit Packet Deassertion
Timing
Parameter
Description
Notes
Min
Typ
Max
Units
T2.7.1
TX_CLK to PMD Output Pair
100BASE-TX and 100BASE-FX modes
5
bits
Deassertion(1)
(1)
Deassertion is determined by measuring the time from the first rising edge of TX_CLK occurring after the deassertion of TX_EN to the
first bit of the "T" code group as output from the PMD Output Pair. 1 bit time = 10 ns in 100Mb/ mode
Figure 4-7. 100BASE-TX and 100BASE-FX MII Transmit Packet Deassertion Timing
4.12 AC Specifications — 100BASE-TX Transmit Timing (tR/F & Jitter)
Parameter
Description
Notes
Min
Typ
Max
Units
T2.8.1
100 Mb/s PMD Output Pair tR and tF
(1)
3
4
5
ns
100 Mb/s tR and tF Mismatch
(2)
500
ps
T2.8.2
100 Mb/s PMD Output Pair Transmit Jitter
1.4
ns
(1)
Rise and fall times taken at 10% and 90% of the +1 or -1 amplitude
(2)
Normal Mismatch is the difference between the maximum and minimum of all rise and fall times
Figure 4-8. 100BASE-TX Transmit Timing (tR/F & Jitter)
Copyright © 2007–2013, Texas Instruments Incorporated
Electrical Specifications
25
Submit Documentation Feedback
Product Folder Links: DP83640


Similar Part No. - DP83640TVV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83640TVV TI1-DP83640TVV Datasheet
1Mb / 137P
[Old version datasheet]   DP83640 Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
DP83640TVV/NOPB TI1-DP83640TVV/NOPB Datasheet
1Mb / 137P
[Old version datasheet]   DP83640 Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
DP83640TVVX TI1-DP83640TVVX Datasheet
1Mb / 137P
[Old version datasheet]   DP83640 Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
DP83640TVVX/NOPB TI1-DP83640TVVX/NOPB Datasheet
1Mb / 137P
[Old version datasheet]   DP83640 Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
More results

Similar Description - DP83640TVV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83640TVVX TI1-DP83640TVVX Datasheet
1Mb / 137P
[Old version datasheet]   DP83640 Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
logo
National Semiconductor ...
DP83640 NSC-DP83640 Datasheet
2Mb / 114P
   Precision PHYTER - IEEE 1588 Precision Time Protocol Transceiver
logo
Texas Instruments
DP83630SQE TI1-DP83630SQE Datasheet
1Mb / 135P
[Old version datasheet]   DP83630 Precision PHYTER??- IEEE 1588 Precision Time Protocol Transceiver
DP83640 TI1-DP83640_14 Datasheet
1Mb / 129P
[Old version datasheet]   Precision PHYTER - IEEE짰 1588 Precision Time Protocol Transceiver
logo
National Semiconductor ...
DP83640 NSC-DP83640_08 Datasheet
2Mb / 124P
   Precision PHYTER - IEEE짰 1588 Precision Time Protocol Transceiver
logo
Texas Instruments
DP83630 TI1-DP83630 Datasheet
1Mb / 128P
[Old version datasheet]   DP83630 Precision PHYTER - IEEE짰 1588 Precision Time Protocol Transceiver
logo
Micrel Semiconductor
KSZ8463ML MICREL-KSZ8463ML Datasheet
3Mb / 259P
   IEEE 1588 Precision Time Protocol-Enabled, Three-Port, 10/100-Managed Switch with MII or RMII
KSZ8463RL MICREL-KSZ8463RL Datasheet
3Mb / 259P
   IEEE 1588 Precision Time Protocol- Enabled, Three-Port, 10/100-Managed Switch with MII or RMII
KSZ8462HL MICREL-KSZ8462HL Datasheet
3Mb / 279P
   IEEE 1588 Precision Time Protocol-Enabled Two-Port 10/100Mb/s Ethernet Switch with 8 or 16 Bit Host Interface
logo
Renesas Technology Corp
8A34012 RENESAS-8A34012 Datasheet
2Mb / 104P
   Port Synchronizer for IEEE 1588 Frequency and Time/Phase
November 30, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com