Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM74AS373 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # DM74AS373
Description  Octal D-Type Transparent Latch with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74AS373 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  DM74AS373 Datasheet HTML 1Page - Fairchild Semiconductor DM74AS373 Datasheet HTML 2Page - Fairchild Semiconductor DM74AS373 Datasheet HTML 3Page - Fairchild Semiconductor DM74AS373 Datasheet HTML 4Page - Fairchild Semiconductor DM74AS373 Datasheet HTML 5Page - Fairchild Semiconductor DM74AS373 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
Switching Characteristics
over recommended operating free air temperature range
Symbol
Parameter
Conditions
From
To
Min
Max
Units
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V
Data
Any Q
3.5
6
ns
LOW-to-HIGH Level Output
RL = 500Ω
tPHL
Propagation Delay Time
CL = 50 pF
Data
Any Q
3.5
6
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Enable
Any Q
6.5
11.5
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Enable
Any Q
5
7.5
ns
HIGH-to-LOW Level Output
tPZH
Output Enable Time
Output
Any Q
2
6.5
ns
to HIGH Level Output
Control
tPZL
Output Enable Time
Output
Any Q
4.5
9.5
ns
to LOW Level Output
Control
tPHZ
Output Disable Time
Output
Any Q
3
6.5
ns
from HIGH Level Output
Control
tPLZ
Output Disable Time
Output
Any Q
3
7
ns
from LOW Level Output
Control


Similar Part No. - DM74AS373

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS374 FAIRCHILD-DM74AS374 Datasheet
59Kb / 6P
   Octal D-Type Edge-Triggered Flip-Flops
DM74AS374N FAIRCHILD-DM74AS374N Datasheet
59Kb / 6P
   Octal D-Type Edge-Triggered Flip-Flops
DM74AS374WM FAIRCHILD-DM74AS374WM Datasheet
59Kb / 6P
   Octal D-Type Edge-Triggered Flip-Flops
More results

Similar Description - DM74AS373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC373-DIE TI1-SN54HC373-DIE Datasheet
114Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573A-Q1 TI1-SN74LVC573A-Q1_15 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74AC11373 TI1-74AC11373_14 Datasheet
260Kb / 11P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Diodes Incorporated
74LVC373A DIODES-74LVC373A Datasheet
473Kb / 10P
   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LV373A-Q1 TI1-SN74LV373A-Q1 Datasheet
215Kb / 10P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH373 TI-SN74ALVCH373 Datasheet
215Kb / 12P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ACT11373 TI-74ACT11373 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN64BCT373 TI1-SN64BCT373 Datasheet
77Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573 TI-SN74LVC573 Datasheet
83Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74AS573 FAIRCHILD-DM74AS573 Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com