Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW35N65M5 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STW35N65M5
Description  N-channel 650 V, 0.085 廓, 27 A, MDmesh??V Power MOSFET in D짼PAK, TO-220FP, I짼PAK, TO-220, TO-247
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW35N65M5 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STW35N65M5 Datasheet HTML 6Page - STMicroelectronics STW35N65M5 Datasheet HTML 7Page - STMicroelectronics STW35N65M5 Datasheet HTML 8Page - STMicroelectronics STW35N65M5 Datasheet HTML 9Page - STMicroelectronics STW35N65M5 Datasheet HTML 10Page - STMicroelectronics STW35N65M5 Datasheet HTML 11Page - STMicroelectronics STW35N65M5 Datasheet HTML 12Page - STMicroelectronics STW35N65M5 Datasheet HTML 13Page - STMicroelectronics STW35N65M5 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Package mechanical data
STB/F/I/P/W35N65M5
10/22
Doc ID 15325 Rev 3
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com. ECOPACK
is an ST trademark.


Similar Part No. - STW35N65M5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW35N65M5 ISC-STW35N65M5 Datasheet
407Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STW35N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP32N65M5 STMICROELECTRONICS-STP32N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.095 廓, 24 A, MDmesh??V Power MOSFET in D짼PAK, I짼PAK, TO-220FP, TO-220, TO-247
STF30N65M5 STMICROELECTRONICS-STF30N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.125 廓, 22 A, MDmesh??V Power MOSFET D짼PAK, TO-220FP, I짼PAK, TO-220, TO-247
September 2011 Rev 3
STF21N65M5 STMICROELECTRONICS-STF21N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.150 廓, 17 A MDmesh??V Power MOSFET D짼PAK, TO-220FP, TO-220, I짼PAK, TO-247
May 2011 Rev 4
STW16N65M5 STMICROELECTRONICS-STW16N65M5 Datasheet
1Mb / 20P
   N-channel 650 V, 0.230 廓, 12 A MDmesh??V Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247
STI18NM60N STMICROELECTRONICS-STI18NM60N Datasheet
998Kb / 18P
   N-channel 600 V, 0.27 廓, 13 A MDmesh??II Power MOSFET in TO-220, TO-220FP, TO-247, D짼PAK and I짼PAK
STW57N65M5 STMICROELECTRONICS-STW57N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.056 廓 typ., 42 A MDmesh??V Power MOSFET in I짼PAK, TO-220, TO-220FP and D짼PAK packages
STF57N65M5 STMICROELECTRONICS-STF57N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.056 廓 typ., 42 A MDmesh??V Power MOSFET in I짼PAK, TO-220, TO-220FP and D짼PAK packages
STB23NM50N STMICROELECTRONICS-STB23NM50N Datasheet
867Kb / 21P
   N-channel 500 V, 0.162 廓, 17 A TO-220, TO-220FP, TO-247, D짼PAK MDmesh??II Power MOSFET
STF18NM80 STMICROELECTRONICS-STF18NM80 Datasheet
1Mb / 21P
   N-channel 800 V, 0.25 廓, 17 A, MDmesh??Power MOSFET in D짼PAK, TO-220FP, TO-220 and TO-247 packages
STB42N65M5 STMICROELECTRONICS-STB42N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 廓, 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com