Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DPA423GN Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # DPA423GN
Description  DC-DC Forward Converter Design Guide Application Note AN-31
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DPA423GN Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button DPA423GN Datasheet HTML 7Page - Power Integrations, Inc. DPA423GN Datasheet HTML 8Page - Power Integrations, Inc. DPA423GN Datasheet HTML 9Page - Power Integrations, Inc. DPA423GN Datasheet HTML 10Page - Power Integrations, Inc. DPA423GN Datasheet HTML 11Page - Power Integrations, Inc. DPA423GN Datasheet HTML 12Page - Power Integrations, Inc. DPA423GN Datasheet HTML 13Page - Power Integrations, Inc. DPA423GN Datasheet HTML 14Page - Power Integrations, Inc. DPA423GN Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AN-31
C
7/04
11
U1
U2
D
S
C
OUTPUT
OUTPUT
RETURN
R6
L2
R12
R10
C10
R11
C14
R9
R4
C5
U3
TL431
C6
C11
C16
PI-2876-062204
CONTROL
CONTROL
DPA-Switch
Input
Return
+
Figure 9. Essential Components of the Feedback Circuit. The Schematic Does Not Show ESR of the Output Capacitors (Component
Designators are the Same as in the EP-21 Prototype).
The phase margin is specified at the crossover frequency. It
is the difference between the phase of the loop gain and 180
degrees. A stringent specification will call for a phase margin
of at least 60 degrees under worst case conditions. In no case
should the phase margin be less than 45 degrees.This means the
phase would have to decrease by that amount for the system to
become unstable. Phase margin is also related to the dynamic
characteristics of the system. A low phase margin suggests an
oscillatory response to a load step or other disturbance.
It is also important that the loop gain decrease in magnitude
beyond the crossover frequency. This requirement is generally
specified as gain margin. Gain margin is the difference between
0 dB and the magnitude of the loop gain at the frequency where
the phase is 180 degrees. An acceptable gain margin is greater
than10dB.Thismeansthemagnitudewouldhavetoincreaseby
thatamountforthesystemtobecomeunstable.Loopgainshould
be measured at worst case conditions (generally maximum
input voltage with maximum load) and at the extremes of the
specified ambient temperature, since important component
parameters (especially capacitor ESR) can change greatly with
temperature.
StabilizingahighfrequencyforwardDC-DCconverterpresents
some challenges due to the inherently high bandwidth of this
topology. Many DC-DC converter designs use cycle-by-cycle
current-mode control. The DPA-Switch uses classic voltage
mode control to allow operation at duty ratios greater than 50%
withouttheneedforthestabilizingramp(“slopecompensation”)
required with current-mode control. The fundamental system
characteristicsoftheforwardconverterincontinuousconduction
mode with voltage mode control call for a compensation
circuit with multiple poles and zeros to achieve the desired
loop response.
The crossover frequency for a control loop that uses
DPA-Switch
in a forward converter with an optocoupler should
be limited to 10 kHz or less at maximum input voltage and
room temperature. The DPA-Switch has one internal pole at
approximately 30 kHz to filter switching noise. Other poles at
higher frequencies contribute additional phase shift at 30 kHz.
The optocoupler has two poles at approximately 100 kHz. The
phase shift from these poles, combined with the phase shift
introduced by the LC filter at the output of the converter, is
difficult to compensate above 10 kHz.
The objective of the feedback design is to reduce the magnitude
of the loop gain to zero dB at a frequency of 10 kHz or less with
a phase margin near 60 degrees.Although system requirements
and the DPA-Switch fix some quantities that determine loop
characteristics, the designer can manipulate many components
in the feedback circuit to optimize loop stability. Figure 8
shows the essential components of a feedback circuit that uses
an ordinary TL431 regulator to achieve the high loop gain


Similar Part No. - DPA423GN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA423GN POWERINT-DPA423GN Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA423GN-TL POWERINT-DPA423GN-TL Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
October 2022
DPA423GNTL POWERINT-DPA423GNTL Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
More results

Similar Description - DPA423GN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA425PN POWERINT-DPA425PN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide Application Note AN-31
DPA425GN POWERINT-DPA425GN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide Application Note AN-31
DPA426R-TL POWERINT-DPA426R-TL Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide Application Note AN-31
AN-31 POWERINT-AN-31 Datasheet
1Mb / 20P
   Converter Design Guide Application Note AN-31
DPA424PN POWERINT-DPA424PN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide
DPA422PN POWERINT-DPA422PN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide
DPA422GN POWERINT-DPA422GN Datasheet
1Mb / 20P
   DPA-Switch DC-DC Forward Converter Design Guide
logo
MORNSUN Science& Techno...
QA01 MORNSUN-QA01 Datasheet
677Kb / 5P
   Application Design For IGBT Driver DC-DC Converter
logo
Silicon Laboratories
AN901 SILABS-AN901 Datasheet
634Kb / 25P
   DESIGN GUIDE FOR ISOLATED DC/DC
AN45 SILABS-AN45 Datasheet
219Kb / 14P
   DESIGN GUIDE FOR THE Si3210/15/16 DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com