Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM2N-NZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM2N-NZ
Description  2 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2N-NZ Datasheet(HTML) 1 Page - AIMTEC

  AM2N-NZ_13 Datasheet HTML 1Page - AIMTEC AM2N-NZ_13 Datasheet HTML 2Page - AIMTEC AM2N-NZ_13 Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM2N-NZ
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R6.E
1 of 3
North America only
FEATURES:
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Efficiency
(%)
AM2N-0505SH60-NZ
4.5-5.5
5
400
6000
78
AM2N-0509SH60-NZ
4.5-5.5
9
222
6000
79
AM2N-0512SH60-NZ
4.5-5.5
12
167
6000
80
AM2N-1205SH60-NZ
10.8-13.2
5
400
6000
79
AM2N-1209SH60-NZ
10.8-13.2
9
222
6000
80
AM2N-1215SH60-NZ
10.8-13.2
15
133
6000
82
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Efficiency
(%)
AM2N-0505DH60-NZ
4.5-5.5
±5
±200
6000
78
AM2N-0509DH60-NZ
4.5-5.5
±9
±110
6000
79
AM2N-0512DH60-NZ
4.5-5.5
±12
±84
6000
80
AM2N-0515DH60-NZ
4.5-5.5
±15
±67
6000
80
AM2N-1205DH60-NZ
10.8-13.2
±5
±200
6000
79
AM2N-1209DH60-NZ
10.8-13.2
±9
±110
6000
80
AM2N-1212DH60-NZ
10.8-13.2
±12
±84
6000
82
AM2N-1215DH60-NZ
10.8-13.2
±15
±67
6000
82
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
12
4.5-5.5
10.8-13.2
VDC
Filter
Capacitor
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
6000
VDC
Resistance
>1000
MOhm
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
See tolerance graph
Short Circuit protection
Momentary (1 sec)
Line voltage regulation (Single)
For 1.0% of Vin
±1.2
%
Line voltage regulation (Dual)
For 1.0% of Vin
±1.2
%
Load voltage regulation (Single)
Load 10-100%
15
%
Load voltage regulation (Dual)
Load 10-100%
15
%
Temperature coefficient
±0.03
%/
oC
Ripple & Noise
At 20MHz Bandwidth
100
mV p-p
 RoHS compliant
 Operating temperature -40oC to + 85oC
 24 Pin DIP Package
Input / Output Isolation 6000VDC
 Low profile plastic package
Pin compatible with multiple manufacturers
 High efficiency up to 82%


Similar Part No. - AM2N-NZ_13

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
   2 Watt | DC-DC Converter
More results

Similar Description - AM2N-NZ_13

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ_16 Datasheet
407Kb / 6P
   2 Watt | DC-DC Converter
AM2GW-NZ AIMTEC-AM2GW-NZ_16 Datasheet
124Kb / 2P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
   2 Watt | DC-DC Converter
AM2L-NZ AIMTEC-AM2L-NZ_16 Datasheet
168Kb / 5P
   2 Watt | DC-DC Converter
AM2S-Z AIMTEC-AM2S-Z_16 Datasheet
551Kb / 5P
   2 Watt | DC-DC Converter
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
   2 Watt | DC-DC Converter
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
   2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
   2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
   2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
   2 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com